Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389/PCB Datasheet(PDF) 39 Page - Analog Devices

Part # AD9389/PCB
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389/PCB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9389/PCB Datasheet HTML 35Page - Analog Devices AD9389/PCB Datasheet HTML 36Page - Analog Devices AD9389/PCB Datasheet HTML 37Page - Analog Devices AD9389/PCB Datasheet HTML 38Page - Analog Devices AD9389/PCB Datasheet HTML 39Page - Analog Devices AD9389/PCB Datasheet HTML 40Page - Analog Devices AD9389/PCB Datasheet HTML 41Page - Analog Devices AD9389/PCB Datasheet HTML 42Page - Analog Devices AD9389/PCB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD9389
Rev. 0 | Page 39 of 48
0xC8—Bits[7:4] HDCP Controller Error
When an error occurs in the HDCP flow, it is reported here
after setting the error flag (0xC5[7]).
Table 28.
Error Code
Error Condition
0000
No error
0001
Bad receiver BKSV
0010
Ri mismatch
0011
Pj mismatch
0100
I2C error (usually a no acknowledge)
0101
Timed out waiting for downstream repeater
0110
Maximum cascade of repeaters exceeded
0111
SHA-1 hash check of BKSV list failed
1000
Too many devices connected to repeater tree
0xC8—Bits[3:0] HDCP Controller State
This information is used in troubleshooting the HDCP
controller.
0xC9—Bits[3:0] EDID Read Tries
These bits define the number of times the EDID attempts to be
read if unsuccessful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com