Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389/PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9389/PCB
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389/PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9389/PCB Datasheet HTML 31Page - Analog Devices AD9389/PCB Datasheet HTML 32Page - Analog Devices AD9389/PCB Datasheet HTML 33Page - Analog Devices AD9389/PCB Datasheet HTML 34Page - Analog Devices AD9389/PCB Datasheet HTML 35Page - Analog Devices AD9389/PCB Datasheet HTML 36Page - Analog Devices AD9389/PCB Datasheet HTML 37Page - Analog Devices AD9389/PCB Datasheet HTML 38Page - Analog Devices AD9389/PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
AD9389
Rev. 0 | Page 35 of 48
0x3C—Bits[5:0] ext_VID_to_Rx
Table 24.
VID
Format
Vertical Refresh
1
480p
~60 Hz1
2
480p
~60 Hz
3
480p
~60 Hz
4
720p
~60 Hz
5
1080i
~60 Hz
6
480i
~60 Hz
7
480i
~60 Hz
8
240p
~60 Hz
9
240p
~60 Hz
10
480i
~60 Hz
11
480i
~60 Hz
12
240p
~60 Hz
13
240p
~60 Hz
14
480p
~60 Hz
15
480p
~60 Hz
16
1080p
~60 Hz
17
576p
~50 Hz2
18
576p
~50 Hz
19
720p
~50 Hz
20
1080i
~50 Hz
21
576i
~50 Hz
22
576i
~50 Hz
23
288p
~50 Hz
24
288p
~50 Hz
25
576i
~50 Hz
26
576i
~50 Hz
27
288p
~50 Hz
28
288p
~50 Hz
29
576p
~50 Hz
30
576p
~50 Hz
31
1080p
~50 Hz
32
1080p
24 Hz to 30 Hz
33
1080p
24 Hz to 30 Hz
34
1080p
24 Hz to 30 Hz
1 VREF can range from 59.826 Hz to 60.115 Hz.
2 VREF can range from 49.761 Hz to 50.080 Hz.
0x3D—Bits[7:6] pr_to_Rx
0x43—Bits[7:0] EDID Read Address
This is a programmable I2C address from which the EDID
information (1 to 256 segment) can be read. Default is 0x7E.
0x48—Bits[7:0] Active Line Start LSB
Combined with the MSB in Register 0x49, these bits indicate
the beginning line of active video. All lines before this comprise
a top horizontal bar. This is used in letter-box modes. If the
2-byte value is 0x00, there is no horizontal bar.
0x49—Bits[7:0] Active Line Start MSB
See Register 0x48.
0x4A—Bits[7:0] Active Line End LSB
Combined with the MSB in Register 0x4B, the bits indicate the
last line of active video. All lines past this comprise a lower
horizontal bar. This is used in letter-box modes. If the 2-byte
value is greater than the number of lines in the display, there is
no lower horizontal bar.
0x4B—Bits[7:0] Active Line End MSB
See Register 0x4A.
0x4C—Bits[7:0] Active Pixel Start LSB
Combined with the MSB in Register 0x4D, these bits indicate
the first pixel in the display that is active video. All pixels before
this comprise a left vertical bar. If the 2-byte value is 0x00, there
is no left bar.
0x4D—Bits[7:0] Active Pixel Start MSB
See Register 0x4C.
0x4E—Bits[7:0] Active Pixel End LSB
Combined with the MSB in Register 0x4F, these bits indicate
the last active video pixel in the display. All pixels past this
comprise a right vertical bar. If the 2-byte value is greater than
the number of pixels in the display, there is no vertical bar.
0x4F—Bits[7:0] Active Pixel End MSB
See Register 0x4E.
LINE1, PIXEL 1
4:3 DISPLAY
TOP HORIZONTAL BAR
BOTTOM HORIZONTAL BAR
ACTIVE LINE START
R0x48, R0x49
ACTIVE LINE END
R0x4A, R0x4B
Figure 9. Horizontal Bars
LINE1, PIXEL 1
4:3 DISPLAY
ACTIVE PIXEL END
R0x4E, R0x4F
ACTIVE PIXEL START
R0x4C, R0x4D
Figure 10. Vertical Bars



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com