Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389/PCB Datasheet(PDF) 44 Page - Analog Devices

Part # AD9389/PCB
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389/PCB Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9389/PCB Datasheet HTML 40Page - Analog Devices AD9389/PCB Datasheet HTML 41Page - Analog Devices AD9389/PCB Datasheet HTML 42Page - Analog Devices AD9389/PCB Datasheet HTML 43Page - Analog Devices AD9389/PCB Datasheet HTML 44Page - Analog Devices AD9389/PCB Datasheet HTML 45Page - Analog Devices AD9389/PCB Datasheet HTML 46Page - Analog Devices AD9389/PCB Datasheet HTML 47Page - Analog Devices AD9389/PCB Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
AD9389
Rev. 0 | Page 44 of 48
Table 34. RGB (0 to 255) to HDTV YCbCr (0 to 255)
Register
Red/Cr Coeff 1
Red/Cr Coeff 2
Red/Cr Coeff 3
Red/Cr Offset
Address
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
Value
0x08
0x2D
0x18
0x93
0x1F
0x3F
0x08
0x00
Register
Green/Y Coeff 1
Green/Y Coeff 2
Green/Y Coeff 3
Green/Y Offset
Address
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
Value
0x03
0x68
0x0B
0x71
0x01
0x27
0x00
0x00
Register
Blue/Cb Coeff 1
Blue/Cb Coeff 2
Blue/Cb Coeff 3
Blue/Cb Offset
Address
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
Value
0x1E
0x21
0x19
0xB2
0x08
0x2D
0x08
0x00
Table 35. RGB (0 to 255) to HDTV YCbCr (16 to 235)
Register
Red/Cr Coeff 1
Red/Cr Coeff 2
Red/Cr Coeff 3
Red/Cr Offset
Address
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
Value
0x07
0x06
0x19
0xA0
0x1F
0x5B
0x08
0x00
Register
Green/Y Coeff 1
Green/Y Coeff 2
Green/Y Coeff 3
Green/Y Offset
Address
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
Value
0x02
0xED
0x09
0xD3
0x00
0xFD
0x01
0x00
Register
Blue/Cb Coeff 1
Blue/Cb Coeff 2
Blue/Cb Coeff 3
Blue/Cb Offset
Address
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
Value
0x1E
0x64
0x1A
0x96
0x07
0x06
0x08
0x00
Table 36. RGB (0 to 255) to SDTV YCbCr (0 to 255)
Register
Red/Cr Coeff 1
Red/Cr Coeff 2
Red/Cr Coeff 3
Red/Cr Offset
Address
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
Value
0x08
0x2D
0x19
0x27
0x1E
0xAC
0x08
0x00
Register
Green/Y Coeff 1
Green/Y Coeff 2
Green/Y Coeff 3
Green/Y Offset
Address
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
Value
0x04
0xC9
0x09
0x64
0x01
0xD3
0x00
0x00
Register
Blue/Cb Coeff 1
Blue/Cb Coeff 2
Blue/Cb Coeff 3
Blue/Cb Offset
Address
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
Value
0x1D
0x3F
0x1A
0x93
0x08
0x2D
0x08
0x00
Table 37. RGB (0 to 255) to SDTV YCbCr (16 to 235)
Register
Red/Cr Coeff 1
Red/Cr Coeff 2
Red/Cr Coeff 3
Red/Cr Offset
Address
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
Value
0x07
0x06
0x1A
0x1E
0x1E
0xDC
0x08
0x00
Register
Green/Y Coeff 1
Green/Y Coeff 2
Green/Y Coeff 3
Green/Y Offset
Address
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
Value
0x04
0x1C
0x08
0x11
0x01
0x91
0x01
0x00
Register
Blue/Cb Coeff 1
Blue/Cb Coeff 2
Blue/Cb Coeff 3
Blue/Cb Offset
Address
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
Value
0x1D
0xA3
0x1B
0x57
0x07
0x06
0x08
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com