Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389/PCB Datasheet(PDF) 41 Page - Analog Devices

Part # AD9389/PCB
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389/PCB Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9389/PCB Datasheet HTML 37Page - Analog Devices AD9389/PCB Datasheet HTML 38Page - Analog Devices AD9389/PCB Datasheet HTML 39Page - Analog Devices AD9389/PCB Datasheet HTML 40Page - Analog Devices AD9389/PCB Datasheet HTML 41Page - Analog Devices AD9389/PCB Datasheet HTML 42Page - Analog Devices AD9389/PCB Datasheet HTML 43Page - Analog Devices AD9389/PCB Datasheet HTML 44Page - Analog Devices AD9389/PCB Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AD9389
Rev. 0 | Page 41 of 48
SERIAL INTERFACE READ/WRITE EXAMPLES
Write to one control register:
•
Start signal
•
Slave address byte (R/W bit = low)
•
Base address byte
•
Data byte to base address
•
Stop signal
•
Write to four consecutive control registers
•
Start signal
•
Slave address byte (R/W bit = low)
•
Base address byte
•
Data byte to base address
•
Data byte to (base address + 1)
•
Data byte to (base address + 2)
•
Data byte to (base address + 3)
•
Stop signal
Read from one control register:
•
Start signal
•
Slave address byte (R/W bit = low)
•
Base address byte
•
Start signal
•
Slave address byte (R/W bit = high)
•
Data byte from base address
•
Stop signal
Read from four consecutive control registers:
•
Start signal
•
Slave address byte (R/W bit = low)
•
Base address byte
•
Start signal
•
Slave address byte (R/W bit = high)
•
Data byte from base address
•
Data byte from (base address + 1)
•
Data byte from (base address + 2)
•
Data byte from (base address + 3)
•
Stop signal
BIT 7
ACK
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SDA
SCL
Figure 12. Serial Interface—Typical Byte Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com