Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9389/PCB Datasheet(PDF) 34 Page - Analog Devices

Part # AD9389/PCB
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389/PCB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9389/PCB Datasheet HTML 30Page - Analog Devices AD9389/PCB Datasheet HTML 31Page - Analog Devices AD9389/PCB Datasheet HTML 32Page - Analog Devices AD9389/PCB Datasheet HTML 33Page - Analog Devices AD9389/PCB Datasheet HTML 34Page - Analog Devices AD9389/PCB Datasheet HTML 35Page - Analog Devices AD9389/PCB Datasheet HTML 36Page - Analog Devices AD9389/PCB Datasheet HTML 37Page - Analog Devices AD9389/PCB Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
AD9389
Rev. 0 | Page 34 of 48
Table 23. Source of Subpacket Audio
Field Code
Channel (0 to 3) and Left/Right
000
Channel 0 Left
001
Channel 0 Right
010
Channel 1 Left
011
Channel 1 Right
100
Channel 2 Left
101
Channel 2 Right
110
Channel 3 Left
111
Channel 3 Right
0x0E—Bits[2:0] SUBPKT0_R_src
Default is 001 (see Table 27).
0x0F—Bits[5:3] SUBPKT1_L_src
Default is 010 (see Table 27).
0x0F—Bits[2:0] SUBPKT1_R_src
Default is 011 (see Table 27).
0x10—Bits[5:3] SUBPKT2_L_src
Default is 100 (see Table 27).
0x10—Bits[2:0] SUBPKT2_R_src
Default is 101 (see Table 27).
0x11—Bits[5:3] SUBPKT3_L_src
Default is 110 (see Table 27).
0x11—Bits[2:0] SUBPKT3_R_src
Default is 111 (see Table 27).
0x18—Bits[4:0] CSC_A1_MSB
These five bits form the 5 MSBs of the Color Space Conversion
coefficient a1. Combined with the 8 LSBs of the following
register, they form a 13-bit, twos complement coefficient that is
user programmable. The equation takes the form of
ROUT = (a1 × RIN) + (a2 × GIN) + (a3 × BIN) + a4
GOUT = (b1 × RIN) + (b2 × GIN) + (b3 × BIN) + b4
BOUT = (c1 × RIN) + (c2 × GIN) + (c3 × BIN) + c4
The default value for the 13-bit, a1 coefficient is 0x0662.
0x19—Bits[7:0] CSC_A1_LSB
See Register 0x18.
0x1A—Bits[4:0] CSC_A2_MSB
These five bits form the 5 MSBs of the Color Space Conversion
coefficient a2. This combined with the 8 LSBs of the following
register form a 13-bit, twos complement coefficient that is user
programmable. The equation takes the form of
ROUT = (a1 × RIN) + (a2 × GIN) + (a3 × BIN) + a4
GOUT = (b1 × RIN) + (b2 × GIN) + (b3 × BIN) + b4
BOUT = (c1 × RIN) + (c2 × GIN) + (c3 × BIN) + c4
The default value for the 13-bit a2 coefficient is 0x04A8.
0x1B—Bits[7:0] CSC_A2_LSB
See Register 0x1A.
0x1C—Bits[4:0] CSC_A3_MSB
The default value for the 13-bit a3 is 0x0000.
0x1D—Bits[7:0] CSC_A3_LSB
0x1E—Bits[4:0] CSC_A4_MSB
The default value for the 13-bit a4 is 0x1C84.
0x1F—Bits[7:0] CSC_A4_LSB
0x20—Bits[4:0] CSC_B1_MSB
The default value for the 13-bit b1 is 0x1CBF.
0x21—Bits[7:0] CSC_B1_LSB
0x22—Bits[4:0] CSC_B2_MSB
The default value for the 13-bit b2 is 0x04A8.
0x23—Bits[7:0] CSC_B2_LSB
0x24—Bits[4:0] CSC_B3_MSB
The default value for the 13-bit b3 is 0x1E70.
0x25—Bits[7:0] CSC_B3_LSB
0x26—Bits[4:0] CSC_B4_MSB
The default value for the 13-bit b4 is 0x021E.
0x27—Bits[7:0] CSC_B4_LSB
0x28—Bits[4:0] CSC_C1_MSB
The default value for the 13-bit c1 is 0x0000.
0x29—Bits[7:0] CSC_C1_LSB
0x2A—Bits[4:0] CSC_C2_MSB
The default value for the 13-bit c2 is 0x04A8.
0x2B—Bits[7:0] CSC_C2_LSB
0x2C—Bits[4:0] CSC_C3_MSB
The default value for the 13-bit c3 is 0x0812.
0x2D—Bits[7:0] CSC_C3_LSB
0x2E—Bits[4:0] CSC_C4_MSB
The default value for the 13-bit c4 is 0x1BAC.
0x2F—Bits[7:0] CSC_C4_LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com