Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D-22 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 3D-22
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D-22 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 3D-22 Datasheet HTML 21Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 22Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 23Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 24Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 25Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 26Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 27Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
25
Part number
Dimensions
5 D 2 - 07
CS
Diameter of element
Resistance
Type
1. Straight lead type
UL approved
File No. E92669
Thermistor type devices
D
D
1.0 min.
d
d
5D210
D
1.0 min.
d
T
D
T
HH0
d
D2-05
D2-07
D2-10
D2-14
5.0 1
5.0 1
5.0 1
7.5 1
7 2
9 2
11 2
15 2
14.0max.
15.0max.
19.5max.
22.5max.
6.8max.
*
1
R25 : Rated zero-power resistance value at 25 C.
*
2
*
3
K
C : Clinch lead
Lead -wire form
D : Straight lead
CS : Clinch short
Resistance tolerance
2. Clinch lead type
3. Clinch short lead type
0.8 tinned
copper wire
Residual resistance is the maximum value when maximum rating current is applied.
Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.
Part No.
R25
( )
Dissipation
factor
(mW/ C)
Specifications (Disk type)
Maximum
rating
current
at 25 C
(A)
Residual
resistance
( )
Thermal
time
constant
(s)
Rating
temp
( C)
Maximum
capacitance at AC220V
( F)
5
8
10
12
16
3
5
8
10
12
16
22
2
3
5
8
10
12
16
2
3
4
5
8
10
12
16
1.7
1.3
1.2
1.4
1.2
2.4
3.0
2.0
2.0
1.7
2.0
1.0
5.0
4.0
4.0
3.0
3.0
1.8
1.6
5.0
5.0
5.0
4.0
2.5
2.2
2.0
1.8
0.610
0.970
1.210
0.860
1.150
0.370
0.352
0.562
0.706
0.780
1.125
1.547
0.107
0.160
0.267
0.427
0.533
0.780
0.940
0.107
0.160
0.213
0.267
0.470
0.590
0.710
0.940
14
14
14
14
14
30
30
30
30
30
30
30
32
32
32
32
32
32
32
36
36
36
36
36
36
36
36
25
27
31
26
30
35
35
41
45
41
45
50
50
53
53
70
75
53
70
90
80
95
110
80
95
105
115
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
40 160
36
39
39
49
57
42
80
110
140
80
160
190
330
350
290
320
330
173
173
860
630
700
740
289
371
454
578
5D2-05
8D2-05
10D2-05
12D2-05
16D2-05
3D2-07
5D2-07
8D2-07
10D2-07
12D2-07
16D2-07
22D2-07
2D2-10
3D2-10
5D2-10
8D2-10
10D2-10
12D2-10
16D2-10
2D2-14
3D2-14
4D2-14
5D2-14
8D2-14
10D2-14
12D2-14
16D2-14
*1
*2
*3
L : 15%
K : 10%
5D210
5D210
9 2
11 2
15 2
19 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com