Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D-22 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 3D-22
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D-22 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 3D-22 Datasheet HTML 27Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 30Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 32Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 33Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 34Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
31
Power derating
Pinch-off current Temperature
0.05
0.5
1
2
5
10
20
50
100
200
0.1
0.2
0.5
1.0
2.0
5.0
10
20
0.05
0.5
1
2
5
10
20
50
100
200
0.1
0.2
0.5
1.0
2.0
5.0
10
20
E-562
E-452
E-352
E-272
E-202
E-152
E-102
E-701
E-501
E-301
E-101
E-101L
E-153
E-123
E-103
E-822
F-562
F-452
F-352
F-272
F-202
F-152
F-102
F-701
F-501
F-301
F-101
F-101L
F-153
F-123
F-103
F-822
400
350
300
250
200
150
100
50
0
20
40
60
80
100
120
140
160
180
Ambient temperature
E type
400
350
300
250
200
150
100
50
0
20
40
60
80
100
120
140
160
180
Ambient temperature
temperature
F type
CRD in parallel
The use of CRD in parallel increases their current
handling capabilities.
The compensation of current reduction due to self
heating
Placing resistors in parallel with CRD can correct
any current decrease when the applied voltage
increases. The following values are typical for
correction resistors.
Compensative resistor is not necessary if the
current value is less than 1 mA.
E-102
1M
E-152
390k
E-202
240k
E-272
120k
E-352
82k
E-452
56k
E-562
39k
Increasing the voltage range using a zener diode
Connecting zener diodes in series with the line ensures
that the current is constant in high-voltage area.
Dynamic characteristics (saturation characteristics)
0
Voltage (V)
V2
ZD
5
1
2
3
5
7
10
20
50
100
Voltage (V)
CRD
10
5
1.0
0.1
0.01
30
0
30
60
90
120
150
E-153
E-272
E-202
E-152
E-102
E-701
E-501
E-301
E-101
E-123
E-103
E-822
E-562
E-452
E-352
E-452
Voltage (V)
Voltage (V)
( C)
( C)
( C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com