Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D-22 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # 3D-22
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D-22 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button 3D-22 Datasheet HTML 22Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 23Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 24Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 25Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 26Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 27Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
26
Fig 2
VC
VB
VS
IT’
IL
ta
tb
IP
IP
VC
IP/2
VS:Stand-off voltage
VB:Break down voltage
VC:Maximum clamping voltage
IL :Maximum leakage current
IT :Test current
IP :Peak pulse current
IT
L1 L2
1.5 max.
Paper
IP
VB’
Fig 1
Fig 3
Fig 4
Fig 5
Fig 6
5 or 7
2 max.
1 max.
6
1 max.
6
52
L:26 or 52
10
5
10
4
10
4
10
3
10
2
10
1
10
2
10
1
10
3
10
2
10
Time (ms)
Ambient temperature ( C)
Time
Time
Peak current
Test pulse waveform
Maximum clamping voltage
Z6 type
Z2 type
ZS1 type
ZD, Z1 type
clamping voltage waveform
100
80
60
40
20
20
40
60
80
100
120
140
160
TRANSIENT VOLTAGE SUPPRESSOR
VRD
VRD is a transient voltage
suppressor used for protecting electric
circuits from surge voltage and thus
preventing breakdown.
VRD has superior surge suppression
characteristics, such as extremely fast
response time, very low clamping voltage,
and high surge capacity. Unlike metal oxide
varistors, VRD does not have characteristics
to change with surge variations within the
rated capacity. This feature comprises
another superior characteristics of the VRD
as a transient voltage suppressors.
Electrical characteristics
Figure 1 shows the electrical characteristics. Bipolar
type has almost symmetrical breakdown Voltage (VB)
Surge capability
Allowable surge capability (Pm) is determined by the
following equation:
Pm Ip VC
Ip:Peak current
Vc:Maximum clamping voltage
The allowable surge capability (peak pulse power) of
VRD is shown in following Figure 3 and the surge ca-
pability derating characteristics are shown in Figure 6.
Surge suppression characteristics
Power derating
When EXP waveform is applied to the circuit
below, the surge suppression waveform shown in the
figure 5 can be observed.
Surge waveform
There are many types of surge waveform depending
on the source of the surge. For the VRD surge
suppression characteristics test, the EXP waveform
shown below is used. The EXP waveform is shown as
ta / tb depending on the time width, however 10/1000
waveform is used as the standard test waveform.
The reverse breakdown voltage of the ZD type is 200
Volts or more at 10 A DC.
Taping
One of standard taping is as shown in Figure.
L1
L2
Z1 type
Z2 type
Z6 type
ZS1 type
Unit:(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com