Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D-22 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 3D-22
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D-22 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 3D-22 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 9Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 10Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
JT THERMISTOR
JT thermistors feature ultra thinness of 500 m and
superior electrical insulation.
It is possible to use with safety in ambience that
might contact with electrodes.
Part number
103 JT- 025
Shape
Rated zero-power resistance
at 25 C 103
: 10k
JT the rmistor
Dimensions
A
3.6
0.5
5
1
2.0
0.5
0.5
0.035
0.17
0.02
1.8
0.1
Unit(mm)
0.5max.
Adhesive
lnsulation film
lnsulation film
Tin plated wires
42 Alloy leads
Slipped film
: 1 max.
Protruded adhesive
: 1 max.
Shape
Dimensions A
025
25
1
50
1
75
1
100
1
050
075
100
Specifications
Type
Resistance-Temperature
Temperature
( C)
Unit(k )
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
110
120
125
367.7
204.7
118.5
71.02
43.67
27.70
18.07
12.11
8.301
5.811
4.147
3.011
2.224
1.668
1.267
103JT
104JT
Part No.
R25
*1
B value
*2
Dissipation factor
(mW/ C)
Thermal time
constant(s)
*3
Operating temp.
range( C)
Rated power
at 25 C(mW)
103JT-
104JT-
10k
1%
100k
1%
3435K 1%
4390K 1%
0.7
0.7
5
5
3.5
3.5
50 90
50 125
9584
4572
2282
1191
647.2
365.0
212.5
127.7
78.88
50.03
32.51
21.61
14.66
10.13
7.135
5.111
3.720
2.746
2.371
*
1
R25 : Rated zero-power resistance value at 25 C,
2% and 3% are also available.
*
2
B value : determined by rated zero-power resistance at 25 C and 85 C.
*
3
Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.
ULTIMATE THINNESS, JT THERMISTOR
500 m only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com