Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D-22 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # 3D-22
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D-22 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 3D-22 Datasheet HTML 36Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 37Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 38Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 39Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 40Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 41Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 42Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 43Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
43
Specifications
SA01-401
SA01-501
SA01-242
SA01-302
SA01-362
400V
%
500V
%
2400V
%
3000V
%
3600V
%
1000V max.
1400V max.
4000V max.
4500V max.
5000V max.
AC125V (Line-Line)
AC250V (Line-Line)
AC125V (Line-GND)
AC250V (Line-GND)
AC250V (Line-GND)
AC1200V 3s
AC1500V 1min
AC1800V 3s
Part No.
DC Breakdown
Voltage
(100V/s)
Impulse Breakdown
Voltage
(5kV/ s)
Maximum Single
Impulse Discharge
Current(8/20 s)
Insulation
Resistance
(DC100V)
Capacitance
(1kHz)
Connection
Dielectric
Withstanding
Voltage
Impulse Life
(8/20 s)
SA01 type
The SA01 is a new product which can be utilized
for protecting transient voltage in power supply of
equipment with earth terminal.
For the equipment in which SA01 is used, the AC
withstanding voltage between power lines and earth
terminal can be tested without taking off "SA01".
1250A 2 times
1250A 2 times
1250A 2 times
1250A 2 times
1250A 2 times
100A 300 times
100A 300 times
100A 300 times
100A 300 times
100A 300 times
10
2M
min
10
2M
min
10
2M
min
10
2M
min
10
2M
min
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
Safety Standards
Application Circuit
Dimensions
Standards Name
Standards No.
File No.
Mark
UL
UL1449
E128417
CSA
C22.2 No.1
LR-76099
TUV
IEC61051
J500/5463
0.6 Tinned
copper leads
0.6 Solderplated
nickel leads
10 1
10 1
18 1
SA01-401
27
Unit (mm)
EQUIPMENT
SA01
2
2
SA01
1
1
2
1
CIRCUIT
AC100V
or
AC200V
GND
AC100V
:
SA01-401
SA01-242
AC200V
:
SA01-501
SA01-302 or SA01-362
30
20
30
20
30
20
30
20
30
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com