Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D-22 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 3D-22
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D-22 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 3D-22 Datasheet HTML 24Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 25Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 26Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 27Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 30Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28
Maximum ratings
Peak pulse power:1.5kW(10/1000 s)
1 8 .0kW (8/20 s)
Steady state power dissipation:2W
Operating and storage temperature
: 40 C to 125 C
Symbol mark
24 min.
9 0.5
Epoxy resin
1.0 Soldered
copper leads
Type No. Lot No.
Low capacitance type
Z6 type VRD has bipolar or unipolar
electrical characteristics.
Maximum ratings
Reverse voltage:200 VDC
Peak pulse power:250 W(10/1000 s)
3.00 kW (8/20 s)
Steady state power dissipation:500 mW
Operating and storage temperature
: 40 C to 125 C
Symbol mark
25 min.
6 0.3
Epoxy resin
0.8 Soldered
copper leads
Type No. Lot No.
Cathode mark
Cathode mark(Uni-polar)
Z6010
Z6012
Z6015
Z6018
Z6022
Z6027
Z6033
Z6039
Z6047
Z6056
Z6068
Z6082
Z6100
Z6120
Z6008U
Z6010U
Z6012U
Z6015U
Z6018U
Z6022U
Z6027U
Z6033U
Z6039U
Z6047U
Z6056U
Z6068U
Z6082U
Z6100U
Z6120U
Z6150U
16.3
19.5
19.5
22.7
22.7
28.4
28.4
34.0
34.0
41.2
41.2
50.5
50.5
61.7
61.7
73.0
73.0
88.0
88.0
105.0
105.0
127.0
127.0
153.0
153.0
187.0
187.0
222.0
222.0
277.0
1120
933
933
802
802
641
641
535
535
442
442
360
360
295
295
249
249
207
207
173
173
143
143
119
119
97.3
97.3
82.0
82.0
65.7
6.63
8.10
8.10
9.72
9.72
12.1
12.1
14.5
14.5
17.8
17.8
21.8
21.8
26.8
26.8
31.6
31.6
38.1
38.1
45.4
45.4
55.1
55.1
66.4
66.4
81.0
81.0
97.2
97.2
121.0
500
200
50
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
7.38-9.02
9.00-11.0
9.00-11.0
10.8-13.2
10.8-13.2
13.5-16.5
13.5-16.5
16.2-19.8
16.2-19.8
19.8-24.2
19.8-24.2
24.3-29.7
24.3-29.7
29.7-36.3
29.7-36.3
35.1-42.9
35.1-42.9
42.3-51.7
42.3-51.7
50.4-61.6
50.4-61.6
61.2-74.8
61.2-74.8
73.8-90.2
73.8-90.2
90.0-110
90.0-110
108-132
108-132
135-165
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
12.5
15.0
15.0
17.3
17.3
22.0
22.0
26.5
26.5
31.9
31.9
39.1
39.1
47.7
47.7
56.4
56.4
67.8
67.8
80.5
80.5
98.0
98.0
118.0
118.0
144.0
144.0
173.0
173.0
215.0
120
100
100
86.7
86.7
68.2
68.2
56.6
56.6
47.0
47.0
38.5
38.4
31.4
31.4
26.6
26.6
22.1
22.1
18.6
18.6
15.3
15.3
12.7
12.7
10.4
10.4
8.67
8.67
6.98
ZD015
ZD018
ZD022
ZD027
ZD033
ZD039
ZD047
ZD056
ZD068
12.8-17.2
15.3-20.7
18.7-25.3
23.0-31.0
28.1-37.9
33.2-44.8
40.0-54.0
47.6-64.4
57.8-78.2
11.4
13.7
16.8
20.6
25.2
29.8
35.9
42.8
52.0
10
10
5
5
5
5
5
5
5
1
1
1
1
1
1
1
1
1
24.0
28.0
33.2
40.0
48.6
57.4
68.5
81.0
98.0
10.4
8.93
7.53
6.25
5.14
4.35
3.65
3.08
2.55
31.0
36.0
43.0
52.0
63.0
74.0
89.0
106.0
127.0
96.7
83.3
69.7
57.7
47.6
40.5
33.7
28.6
23.8
0.075
0.079
0.082
0.085
0.087
0.090
0.092
0.094
0.096
Bi-polar
Uni-polar
Bi-polar
type
Uni-polar
type
Stand-off
voltage
Vs
V
Maximum
leakage
current
IL
A
Breakdown
voltage
VB
V
Test
current
IT
mA
Maximum clamping voltage &
Maximum peak pulse current
10/1000 s
8/20 s
VC
V
VC
V
Ip
A
Ip
A
NOTE : Nonsuffix : Bi-polar, suffix "U" : Uni-polar.
Max. temp.
coef.
%/ C
Capacitance
(TYP)
pF
0.063
0.055
0.071
0.066
0.074
0.075
0.079
0.079
0.083
0.082
0.086
0.085
0.089
0.087
0.092
0.090
0.095
0.092
0.097
0.094
0.099
0.096
0.100
0.099
0.102
0.101
0.104
0.103
0.106
0.107
14600
5600
11200
4400
8800
3300
6600
2700
5400
2400
4400
1700
3300
1400
2800
1200
2400
1000
2000
850
1700
720
1440
610
1220
520
1040
440
880
720
Stand-off
voltage
VS
V
Maximum
leakage
current
IL
A
Breakdown
voltage
VB
V
Test
current
IT
mA
Maximum clamping voltage &
Maximum peak pulse current
10/1000 s
8/20 s
Max. temp.
coef.
%/ C
VC
V
VC
V
Ip
A
Ip
A
Capacitance
(TYP)
pF
VRD
type
No.
31.5
31.0
29.0
28.2
27.2
26.3
25.0
24.1
22.0
Unit (mm)
Unit (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com