Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D-22 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # 3D-22
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D-22 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 3D-22 Datasheet HTML 36Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 37Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 38Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 39Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 40Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 41Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 42Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 43Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
41
Dimensions
GTA3P type
Dimensions
Specifications
Specifications
CM2P, CM3P type
Glass tube
0.45 Dumet wire
A
: max.7.0
B
: 6.5 0.3
Unit (mm)
V-t Characteristics
A ceramic tube is sealed at both side by electrodes,
and inside of it is filled up by inert gas. The ceramic
type gas tube arrester has superior characteristics
such as mechanical strength, surge absorption
energy and stability. There are two electrodes type
and three electrodes type.
Ceramic tube
Dimensions A
90L
145L
230L
350L
470L
6.6 0.2
7.1 0.2
600L
800L
7.6 0.2
0.8 C.P. wire
0.8 C.P. wire
Electrodes
Ceramic tube
11.7
0.2
Electrodes
Unit (mm)
Ceramic tube
11.7
0.2
6
0.5
6
0.5
24 min.
A
Ceramic tube
A
CM2P
CM2P type
CM3P type
CM3P
Leadless type
Leadless type
V-t Characteristics
2
1
3
4
5
6
2
1
20kV/
s
5kV/
s
1kV/
s
100V/
s
2kV/s
100V/s
3
4
5
6
100
10
200
300
400
500
700
1000
2000
4000
7
10
6
10
5
10
4
10
3
10
2
10
1
10
0
10
Response time (s)
1
10
2
10
3
GTA3P-400
GTA3P-350
2
1
3
4
5
6
2
1
20kV/
s
5kV/
s
1kV/
s
100V/
s
2kV/s
100V/s
3
4
5
6
100
10
200
300
400
500
700
1000
2000
4000
7 10 6 10 5 10 4 10 3 10 2 10 1 100
10
Response time (s)
1
10
2
10
3
CM2P-800L
CM2P-600L
CM2P-470L
CM2P-350L
CM2P-230L
CM2P-145L
CM2P-90L
25 min.
19 max.
CM2P-90L
CM2P-145L
CM2P-230L
CM2P-350L
CM2P-470L
CM2P-600L
CM2P-800L
CM3P-230L
CM3P-250L
CM3P-350L
CM3P-400L
90V 20%
145V 20%
230V 15%
350V 15%
470V 15%
600V 15%
800V 15%
230V 20%
250V 20%
350V 20%
400V 20%
1000V max.
1000V max.
1000V max.
1500V max.
1500V max.
1800V max.
2000V max.
1000V max.
1000V max.
1200V max.
1200V max.
Part No.
DC Breakdown
Voltage
(100V/s)
Impulse Breakdown
Voltage
(5kV/ s)
Maximum Single
Impulse Discharge
Current (8/20 s)
Insulation
Resistance
(DC100V or 50V)
Capacitance
(1kHz)
Impulse Life
(10/1000 s)
10000A 2 times
10000A 2 times
10000A 2 times
10000A 2 times
10000A 2 times
10000A 2 times
10000A 2 times
10000A 2 times
10000A 2 times
10000A 2 times
10000A 2 times
500A 600 times
500A 600 times
500A 600 times
500A 600 times
500A 600 times
500A 600 times
500A 600 times
500A 600 times
500A 600 times
500A 600 times
500A 600 times
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
GTA3P-350
GTA3P-400
350V 15%
400V 15%
1600V max.
1600V max.
Part No.
DC Breakdown
Voltage
(100V/s)
Impulse Breakdown
Voltage
(5kV/ s)
Maximum Single
Impulse Discharge
Current (8/20 s)
Insulation
Resistance
(DC100V )
Capacitance
(1kHz)
Impulse Life
(8/20 s)
1500A 1 time
350A 1000 times
10
4M
min
1pF max.
Suffix : L shows lead type and no-suffix shows leadless type
2
1
3
4
5
6
7
6
5
4
3
2
10
1
2
3
2
1
20kV/
s
5kV/
s
1kV/
s
100V/
s
2kV/s
100V/s
3
4
5
6
100
10
200
300
400
500
700
1000
2000
4000
10
10
10
10
10
10
10
10
Response time (s)
10
10
CM3P400(L)
CM3P350(L)
CM3P250(L)
CM3P230(L)
CM2P
CM3P
Lead type
Lead type
Lead less type
Lead less type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com