Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D-22 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 3D-22
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D-22 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 3D-22 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 30Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 32Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 33Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 34Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 35Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
Features
METAL OXIDE VARISTOR
ZENAMIC
ZENAMIC is the product name of a metal
oxide varistor.
ZENAMIC Transient / Surge Absorber, Series
D is newly released through our continued
research in ceramic material composition of
ZnO varistor and manufacturing process,
featuring large surge current handling
capability and energy handling capability
for absorbing transient overvoltage in
compact size.
Improved in "Surge Current Handling
Capability (@8 / 20 s, 2 times)" by about 2
times over the current.
Very large "Energy Handling Capability"
absorbing transient overvoltages in
compact sizes.
Lower Clamping Voltage for better surge
protection.
Fast response to high speed transient /
surge voltage.
Wide products range for transient / surge
protection on AC 100V to AC 480V
nominal system with the maximum peak
current ratings of 600A to 7000A (@8 / 20
s, 2 times).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com