Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D-22 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 3D-22
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3D-22 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 3D-22 Datasheet HTML 25Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 26Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 27Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 30Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 32Page - List of Unclassifed Manufacturers 3D-22 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
29
ZS 1 033 D- T
Taping
Nil
: Bi-Polar
U
: Uni-Polar
D
: High-Reverse voltage type
Break down voltage
Steady state power
SMD type
Part number
Dimensions
Taping
Marking
4.3
0.2
4.7
0.3
1.2
0.2
1.2
0.2
2.0
0.3
0.1 max.
Symbol Mark
012
5AA
S Mark
Part No.
Lot No.
D0
T1
A
D1
T2
P1
P1
P2
P0
T1
T2
D0
D1
E
F
W
B
A
3.0
0.1
5.2
0.1
12.0
0.3
5.5
0.05
1.75
0.1
4.0
0.1
2.0
0.1
4.0
0.1
1.5
0.1
0
1.5
0.2
0
0.3
0.05
(2.6)
Unit (mm)
P2 P0
Dimension of reel
W1
A
178
2.0
B
80
1.0
C
13
0.5
D
21
0.8
E
2.0
0.5
W
14.0
1.5
r
(1.0)
1.5
0.5
1.0
Unit (mm)
E
C
D
r
A
W
Minimum quantity
: 1500 / reel
W1
Steady state power
dissipation
Peak pulse power
Storage temp. range
Maximum Rating
1.0W
300W(10/1000 s)
1200W(1.2/50 s)
2000W(8/20 s)
40 150 C
Part No.
Breakdown
voltage
Stand-off
voltage
Temperature
coefficient
Capacitance
Maximum
leakage
current
Maximum clamping voltage &
Maximum peak pulse current
VB
It
1mA
V
VS
VS
D.C.
V
IL max
A
10/1000 s
8/20 s
VCmax/Ipp
V
V
AA
pF
C
25 C
50 C
%/ C
Specifications
ZS type
ZS1012
ZS1015
ZS1018
ZS1022
ZS1027
ZS1033
ZS1039
ZS1047
12(10.8
13.2)
15(13.5
16.5)
18(16.2
19.8)
22(19.8
24.2)
27(24.3
29.7)
33(29.7
36.3)
39(35.1
42.9)
47(42.3
51.7)
9.72
12.1
14.5
17.8
21.8
26.8
31.6
38.1
10
5
5
5
5
5
5
5
17.3
22.0
26.5
31.9
39.1
47.7
56.4
67.8
17.3
13.6
11.3
9.40
7.67
6.29
5.32
4.42
22.4
28.5
34.4
41.4
50.7
61.8
73.1
88.0
89.3
70.2
58.1
48.3
39.4
32.4
27.4
22.7
0.066
0.075
0.079
0.082
0.085
0.087
0.090
0.092
551
465
376
299
248
198
164
137
Part No.
Breakdown
voltage
Stand-off
voltage
Temperature
coefficient
Capacitance
(TYP)
Maximum
leakage
current
Maximum clamping voltage &
Maximum peak pulse current
VB
It
1mA
V
VS
VS
D.C.
V
IL max
A
10/1000 s
8/20 s
VCmax/Ipp
V
V
AA
pF
C
25 C
50 C
%/ C
ZS1012D
ZS1015D
ZS1018D
ZS1022D
ZS1027D
ZS1033D
ZS1039D
ZS1047D
12(10.8
13.2)
15(13.5
16.5)
18(16.2
19.8)
22(19.8
24.2)
27(24.3
29.7)
33(29.7
36.3)
39(35.1
42.9)
47(42.3
51.7)
9.72
12.1
14.5
17.8
21.8
26.8
31.6
38.1
10
5
5
5
5
5
5
5
17.3
22.0
26.5
31.9
39.1
47.7
56.4
67.8
17.3
13.6
11.3
9.40
7.67
6.29
5.32
4.42
22.4
28.5
34.4
41.4
50.7
61.8
73.1
88.0
89.3
70.2
58.1
48.3
39.4
32.4
27.4
22.7
0.066
0.075
0.079
0.082
0.085
0.087
0.090
0.092
30.2
29.1
28.2
27.3
26.4
25.5
24.8
24.0
ZS-D type
ZS-U type
Part No.
Breakdown
voltage
Stand-off
voltage
Temperature
coefficient
Capacitance
Maximum
leakage
current
Maximum clamping voltage &
Maximum peak pulse current
VB
It
1mA
V
VS
VS
D.C.
V
IL max
A
10/1000 s
8/20 s
VCmax/Ipp
V
V
AA
pF
C
25 C
50 C
%/ C
ZS1012U
ZS1015U
ZS1018U
ZS1022U
ZS1027U
ZS1033U
ZS1039U
ZS1047U
12(10.8
13.2)
15(13.5
16.5)
18(16.2
19.8)
22(19.8
24.2)
27(24.3
29.7)
33(29.7
36.3)
39(35.1
42.9)
47(42.3
51.7)
9.72
12.1
14.5
17.8
21.8
26.8
31.6
38.1
10
5
5
5
5
5
5
5
17.3
22.0
26.5
31.9
39.1
47.7
56.4
67.8
17.3
13.6
11.3
9.40
7.67
6.29
5.32
4.42
22.4
28.5
34.4
41.4
50.7
61.8
73.1
88.0
89.3
70.2
58.1
48.3
39.4
32.4
27.4
22.7
0.066
0.075
0.079
0.082
0.085
0.087
0.090
0.092
1,102
929
751
598
497
395
328
274
SMD VRD
Unit(mm)
012
5AA
S Mark
Cathode
Mark
S Mark
Cathode
Mark
Part No.
Lot No.
Symbol Mark
012
5AA
Part No.
Lot No.
Symbol Mark
ZS type
ZS-U type
ZS-D type
career tape
cover tape
(TYP)
(TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com