Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400KSTZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADAV400KSTZ
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400KSTZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADAV400KSTZ Datasheet HTML 28Page - Analog Devices ADAV400KSTZ Datasheet HTML 29Page - Analog Devices ADAV400KSTZ Datasheet HTML 30Page - Analog Devices ADAV400KSTZ Datasheet HTML 31Page - Analog Devices ADAV400KSTZ Datasheet HTML 32Page - Analog Devices ADAV400KSTZ Datasheet HTML 33Page - Analog Devices ADAV400KSTZ Datasheet HTML 34Page - Analog Devices ADAV400KSTZ Datasheet HTML 35Page - Analog Devices ADAV400KSTZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
ADAV400
Rev. 0 | Page 33 of 36
Table 27 can also be used to verify register settings for each
serial data format.
SRC SERIAL PORT CONTROL REGISTER
SRC Serial Input Port Select (Bits [6:5])
These bits select which of the four serial data inputs are directed
to the SRC
LRCLK Polarity (Bit 4)
When this bit is set to 0, the left channel data on the selected
channel is clocked in when LRCLK0 is low, and the right
channel input data is clocked in when LRCLK1 is high. When
this bit is set to 1, this sequence is reversed.
BCLK Polarity (Bit 3)
This bit controls on which edge of the bit clock the input data
changes, and on which edge it is clocked. Data changes on the
falling edge of BCLK0 when this bit is set to 0, and on the rising
edge when this bit is set to 1.
Serial Input Mode (Bits [2:0])
These two bits control the data format that the input port expects
to receive. It should be noted that Bit 3 and Bit 4 of the serial input
control register will override these settings, so Bits 4 to Bit 0
must be set for correct operation. Refer to Figure 31, Figure 32,
Figure 33, and Figure 34 for details on the different modes.
Table 27 can also be used to verify register settings for each
serial data format.
Note that TDM is not supported on the SRC.
ADC INPUT MUX REGISTER
ADC Input Mux (Bits [3:0])
These bits are used to select which of the analog inputs are
directed to the ADC. It is recommended that only one channel
is selected at any time.
POWER CONTROL REGISTER
Power Control (Bits [15:0])
These bits can individually power up or power down the
different blocks of the ADAV400.
USER CONTROL REGISTER 2
Headphone Amplifier Mute (Bit 7)
When set, this bit mutes the analog headphone amplifier.
Headphone Amplifier Attenuation (Bits [4:0])
These bits set the analog gain of the headphone amplifier. It can
be set in steps of −1.5 dB from 0 dB to −46.5 dB.
USER CONTROL REGISTER 1
SRC Mux Enable (Bit 8)
When this bit is set to 1, the SRC mux is enabled, passing the
input selected by the SRC serial port control register to the SRC
block, the output of which is then available to the DSP core. It
also masks the selected serial data input as a direct input to the
DSP core. See Figure 36 for more details on the SRC input
configuration.
AUDIO
PROCESSOR
CORE
MULTICHANNEL
DIGITAL INPUTS
SDIN0
SRC
PU
REG: 0x1058
BIT 2
REG: 0x1056
BITS [6:5]
SDIN1
LRCLK0
BCLK0
SDIN2
SDIN3
Figure 36. SRC Input Configuration
SRC Lock Indicator (Bit 7)
This bit is read only and indicates when the SRC is locked.
MCLKO Pin Enable (Bit 6)
With this bit set to 1, MCLKO is enabled and outputs the
frequency selected by Bit 5 to Bit 3 in this register.
MCLKO Select (Bits [5:3])
These bits select the MCLKO frequency. All reserved settings
are test modes and are not valid audio clocks.
PLL Clock Select (Bits [2:0])
These bits must be programmed to select the master clock,
MCLKI, input frequency that is being used. For example, the
default case is 64 × fS (3.072 MHz), which means that BCLKx
can also be used as the MCLKI.
DAC AMPLIFIER REGISTER
DAC Amplifier Chopping (Bit 4)
This bit should be set to 1 to ensure best performance on the
headphone outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com