Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400KSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADAV400KSTZ
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400KSTZ Datasheet(HTML) 4 Page - Analog Devices

  ADAV400KSTZ Datasheet HTML 1Page - Analog Devices ADAV400KSTZ Datasheet HTML 2Page - Analog Devices ADAV400KSTZ Datasheet HTML 3Page - Analog Devices ADAV400KSTZ Datasheet HTML 4Page - Analog Devices ADAV400KSTZ Datasheet HTML 5Page - Analog Devices ADAV400KSTZ Datasheet HTML 6Page - Analog Devices ADAV400KSTZ Datasheet HTML 7Page - Analog Devices ADAV400KSTZ Datasheet HTML 8Page - Analog Devices ADAV400KSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADAV400
Rev. 0 | Page 4 of 36
SPECIFICATIONS
AVDDn1 = 3.3 V, ODVDD = 3.3 V, DVDD = internal voltage regulator, temperature = 0°C to 70°C, master clock = 12.288 MHz,
measurement bandwidth = 20 Hz to 20 kHz, ADC input signal = 1 kHz, DAC output signal = 1 kHz, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE SECTION
Absolute Voltage VREF
1.5
V
VREF Temperature Coefficient
130
ppm/°C
ANALOG INPUTS (SINGLE-ENDED)
Number of Channels
8
Four stereo input channels
Full-Scale Analog Input
100
μA rms
2 V rms input with 20 kΩ series resistor
DC Offset
±10
mV
Relative to VREF
ADC SECTION
Stereo ADC
Resolution
24
Bits
Dynamic Range
A-Weighted
90
95
dB
−60 dB with respect to full-scale analog input
Total Harmonic Distortion + Noise
−93
dB
−3 dB with respect to full-scale analog input
Interchannel Gain Mismatch
0.1
dB
Left and right channel gain mismatch
Crosstalk
−78
dB
Analog channel crosstalk (AINYm1 to AINYm1)
One channel = −3 dB, other channel = 0 V
Gain Error
−6
%
Power Supply Rejection
−83
dB
1 kHz, 300 mV p-p signal at AVDDn1
ADC DIGITAL DECIMATOR FILTER
CHARACTERISTICS @ 48 kHz2
Pass Band
22.5
kHz
Pass-Band Ripple
±0.0002
dB
Transition Band
24
kHz
Stop Band
26.5
kHz
Stop-Band Attenuation
100
dB
Group Delay
1040
μs
DAC OUTPUTS (SINGLE-ENDED)
DAC amplifier register contents = 0x0010
Number of Channels
8
Four stereo output channels
Resolution
24
Bits
Full-Scale Analog Output
1
V rms
Dynamic Range
A-Weighted
90
95
dB
−60 dB with respect to full-scale code input
Total Harmonic Distortion + Noise3
−90
dB
−3 dB with respect to full-scale code input
Crosstalk
−100
dB
Analog channel crosstalk (VOUTm1 to VOUTm1)
One channel = −3 dB, other channels = 0 V
Gain Error
5
%
Interchannel Gain Mismatch
0.1
dB
Left and right channel gain mismatch
DC Offset
1
mV
Relative to VREF
Power Supply Rejection
−87
dB
1 kHz, 300 mV p-p signal at AVDDn1
DAC DIGITAL INTERPOLATION FILTER
CHARACTERISTICS @ 48 kHz2
Pass Band
21.769
kHz
Pass-Band Ripple
±0.01
dB
Transition Band
23.95
kHz
Stop Band
26.122
kHz
Stop-Band Attenuation
75
dB
Group Delay
580
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com