Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400KSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADAV400KSTZ
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400KSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAV400KSTZ Datasheet HTML 10Page - Analog Devices ADAV400KSTZ Datasheet HTML 11Page - Analog Devices ADAV400KSTZ Datasheet HTML 12Page - Analog Devices ADAV400KSTZ Datasheet HTML 13Page - Analog Devices ADAV400KSTZ Datasheet HTML 14Page - Analog Devices ADAV400KSTZ Datasheet HTML 15Page - Analog Devices ADAV400KSTZ Datasheet HTML 16Page - Analog Devices ADAV400KSTZ Datasheet HTML 17Page - Analog Devices ADAV400KSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADAV400
Rev. 0 | Page 14 of 36
HEADPHONE AMPLIFIER
The ADAV400 has an integrated stereo headphone amplifier
capable of driving 32 mW into a 32 Ω load.
VOLTAGE REGULATOR
The ADAV400 includes an on-chip voltage regulator that
enables the chip to be used in systems where a 1.8 V supply is
not available. The only external components needed are a PNP
transistor (such as FZT953), a single capacitor, and a single
resistor. The recommended design for the voltage regulator is
shown in Figure 19.
Here, VDD is the main system voltage (3.3 V). A voltage of 1.8 V
is generated at the transistor’s collector and is connected to the
DVDD pins. VDRIVE is an output from the internal regulator
circuit on the ADAV400 and is connected to the base of the
PNP transistor
ADAV400
+
+
+
VDD
Figure 19. Voltage Regulator Design
There are two specifications to take into consideration when
choosing the regulator’s transistor. First, hFE should be at least 100.
Second, the collector power dissipation, PC, must be greater than
PC = (3.3 V − 1.8 V) × 135 mA = 202.5 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com