Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400KSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADAV400KSTZ
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400KSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAV400KSTZ Datasheet HTML 18Page - Analog Devices ADAV400KSTZ Datasheet HTML 19Page - Analog Devices ADAV400KSTZ Datasheet HTML 20Page - Analog Devices ADAV400KSTZ Datasheet HTML 21Page - Analog Devices ADAV400KSTZ Datasheet HTML 22Page - Analog Devices ADAV400KSTZ Datasheet HTML 23Page - Analog Devices ADAV400KSTZ Datasheet HTML 24Page - Analog Devices ADAV400KSTZ Datasheet HTML 25Page - Analog Devices ADAV400KSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADAV400
Rev. 0 | Page 22 of 36
Constant dB and RC Updates (Exponential)
An exponential update is accomplished by shifts and additions
with a range from 6.1 ms to 1.27 sec (−60 dB relative to 0 dB full
scale). When the ramp type is set to 01 (constant dB), each step
size is set to the current value in the slew data. When the ramp
type bits are set to 10 (RC), the step size is equal to the difference
between the values in the target RAM and slew RAM (see
Figure 25, Figure 26, and Figure 27).
TIME (ms)
1.0
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1.0
010
520
15
30
25
35
Figure 25. Slew RAM—Constant dB Update Increasing Ramp
TIME (ms)
1.0
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1.0
35
25
15
5
20
10
030
Figure 26. Slew RAM—RC Update Increasing Ramp
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
35
25
15
5
20
10
030
Figure 27. Slew RAM—Constant dB and RC
Updates Decreasing Ramp, Full Scale
Constant Time Update
A constant time update is calculated by adding a step value that
is determined after each target is loaded. The equation for this
step size is
Step = (Target Data − Slew Data)/(Number of Steps)
Figure 28 shows a plot of the target/slew RAM operating in
constant time mode. For this example, 128 steps are used to
reach the target value. This type of ramping takes a fixed
amount of time for a given number of steps, regardless of the
difference in the initial state and the target value. Figure 29
shows a plot of a constant time ramp from –80 dB to –6 dB (half
scale) using 128 steps; thus, the ramp takes the same amount of
time as the previous ramp from –80 dB to 0 dB. A constant time
decreasing ramp plot is shown in Figure 30.
TIME (ms)
1.0
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1.0
35
25
15
5
20
10
030
Figure 28. Slew RAM—Constant Time Update Increasing Ramp, Full Scale
TIME (ms)
1.0
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1.0
35
25
15
5
20
10
030
Figure 29. Slew RAM—Constant Time Update Increasing Ramp, Half Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com