Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400KSTZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADAV400KSTZ
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400KSTZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAV400KSTZ Datasheet HTML 22Page - Analog Devices ADAV400KSTZ Datasheet HTML 23Page - Analog Devices ADAV400KSTZ Datasheet HTML 24Page - Analog Devices ADAV400KSTZ Datasheet HTML 25Page - Analog Devices ADAV400KSTZ Datasheet HTML 26Page - Analog Devices ADAV400KSTZ Datasheet HTML 27Page - Analog Devices ADAV400KSTZ Datasheet HTML 28Page - Analog Devices ADAV400KSTZ Datasheet HTML 29Page - Analog Devices ADAV400KSTZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADAV400
Rev. 0 | Page 26 of 36
SERIAL DATA INPUT/OUTPUT PORTS
The flexible serial data input/output ports of the ADAV400
can be set to accept or transmit data in 2-channel format or in
an 8- or 16-channel TDM stream. Data is processed in twos
complement, MSB-first format. The left channel data field
always precedes the right channel data field in the 2-channel
streams. In the TDM modes, Slot 0 to Slot 3 (8-channel TDM)
or Slot 0 to Slot 7 (16-channel TDM) fall in the first half of the
audio frame, and Slot 4 to Slot 7 (or Slot 8 to Slot 15 in 16-channel
TDM) are in the second half of the frame. The serial modes are
set in the serial input and output control registers.
The input and output control register define the operation of
the serial ports. Because BCLK1 and LRCLK1 are used for both
input and output serial port timing, some care must be taken
when individually programming serial modes. For example,
programming the input serial port to TDM and the output port
to left-justified is not a valid state.
In TDM mode, there are some restrictions to ADAV400 operation,
which are outlined in Table 26. There are two modes of operation.
In both 8-channel and 16-channel TDM modes, SDIN0 is the
input for the TDM stream and SDO0 is the output.
Figure 34 shows the ADAV400 operating in TDM mode. Refer
to the Serial Data Input/Output Ports section for a more
complete description of the modes of operation.
Note that in 16-channel TDM mode, the ADC and DACs are no
longer used because all 16 input and output channels have been
redirected to the serial input and output ports.
Table 26. Serial Output Port Master/Slave Mode Capabilities
fS
2-Channel Modes (I2S, Left-Justified, Right-Justified)
8-Channel TDM
16-Channel TDM
48 kHz
Master and slave
Master and slave
Slave only
96 kHz
Master and slave
Master and slave
Slave only
192 kHz
Master and slave
Slave only
Slave only
Table 27. Data Format Configurations
Format
LRCLK Polarity
LRCLK
Type
BCLK Polarity
MSB Position
I2S (Figure 31)
Frame begins on
falling edge
Clock
Data changes on
falling edge
Delayed from LRCLK edge by one BCLK
Left-Justified (Figure 32)
Frame begins on
rising edge
Clock
Data changes on
falling edge
Aligned with LRCLK edge
Right-Justified (Figure 33)
Frame begins on
rising edge
Clock
Data changes on
falling edge
Delayed from LRCLK edge by 8, 12, or 16 BCLKs
TDM with Clock (Figure 34)
Frame begins on
falling edge
Clock
Data changes on
falling edge
Delayed from start of word clock by one BCLK
TDM with Pulse (Figure 35)
Frame begins on
rising edge
Pulse
Data changes on
falling edge
Delayed from start of word clock by one BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com