Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400KSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADAV400KSTZ
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400KSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAV400KSTZ Datasheet HTML 6Page - Analog Devices ADAV400KSTZ Datasheet HTML 7Page - Analog Devices ADAV400KSTZ Datasheet HTML 8Page - Analog Devices ADAV400KSTZ Datasheet HTML 9Page - Analog Devices ADAV400KSTZ Datasheet HTML 10Page - Analog Devices ADAV400KSTZ Datasheet HTML 11Page - Analog Devices ADAV400KSTZ Datasheet HTML 12Page - Analog Devices ADAV400KSTZ Datasheet HTML 13Page - Analog Devices ADAV400KSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADAV400
Rev. 0 | Page 10 of 36
Pin No.
Mnemonic
I/O
Description
33
MCLKI
I
Master Clock Input. The ADAV400 uses a phase-locked loop (PLL) to generate all of the appropriate
internal clock for the DSP core.
34
MCLKO
O
Audio Clock Output. The MCLKO pin can be programmed to output the internal audio clock.
35
BCLK1
I/O
Bit Clock for Serial Data Input/Output. This clock and the LRCLK1 are used as clock and frame sync signals
for the SDINx and SDOx pins. These clocks are inputs to the ADAV400 when the port is configured as a
slave, and outputs when the port is configured as a master. On power up, these pins are set to slave mode
to avoid conflicts with external master mode devices.
36
LRCLK1
I/O
Left/Right Clock for Serial Data Input/Output. This clock and the BCLK1 are used as clock and frame sync
signals for the SDINx and SDOx pins.
37, 38,
42, 43
SDO [0:3]
0
Serial Data Outputs.
39, 44,
45
NC
These pins should be left unconnected.
46
RESET
I
Active Low Reset Signal. After RESET the ADAV400 is powered down.
49
AVDD2
Analog Power Supply Pin for the PLL. Connect this pin to 3.3 V and decouple to AGND (Pin 51).
50
PLL_LF
PLL Loop Filter. External components are required to allow the PLL to function correctly. See the PLL
Block section for details of these components.
51
AGND
PLL Ground. Connect this pin to the analog ground plane.
52
AGND
Headphone Driver Ground. Connect this pin to the analog ground plane.
53
HPOUTL
O
Left Headphone Output. Analog output from the headphone amplifiers.
54
HPOUTR
O
Right Headphone Output. Analog output from the headphone amplifiers.
55
AVDD3
Analog Power Supply Pin for the headphone amplifier. Connect this pin to 3.3 V and decouple to AGND
(Pin 52).
56
AUXL1
O
Auxiliary Analog Output Left 1
57
AUXR1
O
Auxiliary Analog Output Right 1.
58 to 61
VOUT [1:4]
O
Main Analog Output 1 to Output 4.
62
AUXL2
O
Auxiliary Analog Output Left 2.
63
AUXR2
O
Auxiliary Analog Output Right 2.
64
TEST2
Test Pin. This pin should be left unconnected.
67
FILTD
DAC Filter Decoupling Node. Decouple this pin to AGND (Pin 69).
68
AVDD4
Analog Power Supply Pin for the DAC. Connect this pin to 3.3 V and decouple to AGND (Pin 69).
69, 70
AGND
DAC Ground. Connect this pin to the analog ground plane.
71
AVDD5
Analog Power Supply Pin for the DAC. Connect this pin to 3.3 V and decouple to AGND (Pin 70).
72, 74,
76, 78
AINL [1:4]
I
Left Analog Input 1 to Input 4. The analog inputs are current inputs typically driven via a 20 kΩ resistor for
2 V rms input, as shown in Figure 17.
73, 75,
77, 79
AINR [1:4]
I
Right Analog Input 1 to Input 4. The analog inputs are current inputs typically driven via a 20 kΩ resistor
for 2 V rms input, as shown in Figure 17.
80
IDAC
DAC External Bias Resistor. This is an external bias pin for the DAC circuitry. Connect a 20 kΩ resistor
between this pin and AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com