Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400KSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADAV400KSTZ
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400KSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAV400KSTZ Datasheet HTML 7Page - Analog Devices ADAV400KSTZ Datasheet HTML 8Page - Analog Devices ADAV400KSTZ Datasheet HTML 9Page - Analog Devices ADAV400KSTZ Datasheet HTML 10Page - Analog Devices ADAV400KSTZ Datasheet HTML 11Page - Analog Devices ADAV400KSTZ Datasheet HTML 12Page - Analog Devices ADAV400KSTZ Datasheet HTML 13Page - Analog Devices ADAV400KSTZ Datasheet HTML 14Page - Analog Devices ADAV400KSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADAV400
Rev. 0 | Page 11 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (kHz)
0
–50
–100
–150
0
192
384
576
768
Figure 6. DAC Composite Filter Response (48 kHz)
FREQUENCY (kHz)
0
–50
–100
–150
0
24
487296
Figure 7. DAC Pass-Band Filter Response (48 kHz)
FREQUENCY (kHz)
0.06
0.04
0
–0.02
–0.04
0.02
–0.06
0
8
16
24
Figure 8. DAC Pass-Band Ripple (48 kHz)
FREQUENCY (kHz)
0
–50
–100
–300
–200
–250
–150
0
128
256
384
Figure 9. ADC Composite Filter Response (48 kHz)
FREQUENCY (kHz)
0
–50
–100
–300
–150
–200
–250
024
48
72
96
Figure 10. ADC Pass-Band Filter Response (48 kHz)
FREQUENCY (kHz)
0.006
0.004
0
–0.002
–0.004
0.002
–0.006
0
8
16
24
Figure 11. ADC Pass-Band Ripple (48 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com