Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400KSTZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADAV400KSTZ
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400KSTZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADAV400KSTZ Datasheet HTML 24Page - Analog Devices ADAV400KSTZ Datasheet HTML 25Page - Analog Devices ADAV400KSTZ Datasheet HTML 26Page - Analog Devices ADAV400KSTZ Datasheet HTML 27Page - Analog Devices ADAV400KSTZ Datasheet HTML 28Page - Analog Devices ADAV400KSTZ Datasheet HTML 29Page - Analog Devices ADAV400KSTZ Datasheet HTML 30Page - Analog Devices ADAV400KSTZ Datasheet HTML 31Page - Analog Devices ADAV400KSTZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADAV400
Rev. 0 | Page 28 of 36
CONTROL REGISTERS
Table 28. Audio Register Map
Register Address (Hex)
Register Name
Register Width (Bits)
0x1052
Audio core control register (see Table 29)
16
0x1053
RAM modulo control register (see Table 30)
8
0x1054
Serial output control register (see Table 31)
16
0x1055
Serial input control register (see Table 32)
8
0x1056
SRC serial port control register (see Table 33)
8
0x1057
ADC input mux control register (see Table 34)
16
0x1058
Power control register (see Table 35)
16
0x1059
User Control Register 1 (see Table 37)
16
0x105A
User Control Register 2 (see Table 36)
16
0x110D
DAC amplifier register (see Table 38)
16
0x1113
Headphone amplifier register (see Table 39)
16
Table 29. Audio Core Control Register
Register Address 0x1052
Default Readback = 0x4000
Register Bits
Function
15
Reserved (set to 0)
141
Enable SDO2 and SDO3
0 = enabled
1 = disabled
13
Indicates when slew RAM is muted (read only)
12
Equivalent to writing 0s to the target RAM
0 = normal operation
1 = RAM zeroed
11
Reserved (set to 0)
10
Reserved (set to 0)
9
Clears internal processor registers (active low)
0 = registers cleared
1 = normal operation
8
Forces multiplier input to 0
0 = normal operation
1 = forced to 0
7
Initializes data RAM to zero
0 = normal operation
1 = enabled
Register Bits
Function
6
Mutes serial input ports
0 = normal operation
1 = muted
5
Initiates safeload-to-target/slew RAM
0 = off
1 = on
4
Initiates safeload-to-parameter RAM
0 = off
1 = on
3:2
Reserved (set to 0)
1:0
Programs length
00 = 2560 (48 kHz)
01 = 1280 (96 kHz digital IO only)
10 = 640 (192 kHz digital IO only)
11 = reserved
1 The polarity of this bit is inverted when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com