Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400KSTZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADAV400KSTZ
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400KSTZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAV400KSTZ Datasheet HTML 28Page - Analog Devices ADAV400KSTZ Datasheet HTML 29Page - Analog Devices ADAV400KSTZ Datasheet HTML 30Page - Analog Devices ADAV400KSTZ Datasheet HTML 31Page - Analog Devices ADAV400KSTZ Datasheet HTML 32Page - Analog Devices ADAV400KSTZ Datasheet HTML 33Page - Analog Devices ADAV400KSTZ Datasheet HTML 34Page - Analog Devices ADAV400KSTZ Datasheet HTML 35Page - Analog Devices ADAV400KSTZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
ADAV400
Rev. 0 | Page 34 of 36
TYPICAL APPLICATION DIAGRAM
AINL1
AINR4
ADAV400
VOUT1
VOUT4
VOUT4
IDAC
PLL_LF
BCLK0
LRCLK0
BCLK1
LRCLK1
SDIN0
SDIN1
RESET
RESET
CIRCUITRY
CLOCK
I2C
CONTROLLER
MCLKI
SDA
SCL
AD0
VREF
FILTA
FILTD
TO AUDIO
CONTROLLER
SDIN2
SDIN3
SDO0
SDO1
SDO2
SDO3
+
+
+
+
+
100nF
47µF
2kΩ
560Ω
+
10µF
100nF
3.3V
FZT953
3.3V
5.6nF
+
+
100nF
47µF
47µF
47µF
100nF
1nF
+
100nF
47µF
AVDD2
20kΩ
VOUT1
560Ω
5.6nF
+
AUXL1
AUXR2
AUXR2
560Ω
5.6nF
+
47µF
47µF
AUXL1
560Ω
5.6nF
+
47µF
VIN4R
20kΩ
100nF
600Z
+
HPOUTL
100µF
HPOUTL
470pF
600Z
+
HPOUTR
100µF
HPOUTR
470pF
600Z
+
47µF
VIN1L
20kΩ
100nF
600Z
+
600Z
+
+
+
+
10kΩ
10kΩ
Figure 37. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com