Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 35Page - National Semiconductor (TI) LP3972 Datasheet HTML 36Page - National Semiconductor (TI) LP3972 Datasheet HTML 37Page - National Semiconductor (TI) LP3972 Datasheet HTML 38Page - National Semiconductor (TI) LP3972 Datasheet HTML 39Page - National Semiconductor (TI) LP3972 Datasheet HTML 40Page - National Semiconductor (TI) LP3972 Datasheet HTML 41Page - National Semiconductor (TI) LP3972 Datasheet HTML 42Page - National Semiconductor (TI) LP3972 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
I
2C Compatible Interface (Continued)
OUTPUT ENABLE 3 REGISTER (OEN3) 8H’82
Bit
7
6
5
4**
3
2**
1
0**
Designation
Reserved
B3EN
ENFLAG
B2EN
Reserved
L1EN
Reset Value
0
0
0
1
0
1
0
1
Note: ** denotes one time factory programmable EPROM registers for default values
OUTPUT ENABLE 3 REGISTER (OEN3) 8H’82 DEFINITIONS
Bit
Access
Name
Description
7:5
Reserved
4
R/W
B3EN
V
CC_Buck3 Supply Output Enabled
0=V
CC_Buck3 Supply Output Disabled
1=V
CC_Buck3 Supply Output Enabled, Default
3
R/W
ENFLAG
Enable for Temperature Flags (BCT)
0 = Temperature Flag Disabled
1 = Temperature Flag Enabled
2
R/W
B2EN
V
CC_Buck2 Supply Output Enabled
0=V
CC_Buck2 Supply Output Disabled
1=V
CC_Buck2 Supply Output Enabled, Default
1
Reserved
0
R/W
L1EN
LDO_1 (MVT)Output Voltage Enable
0 = LDO1 Supply Output Disabled
1 = LDO1 Supply Output Enabled, Default
STATUS REGISTER 3 (OSR3) 8H’83
Bit
7
6
5
4
3
2
1
0
Designation
BT_OK
B3_OK
B2_OK
LDO1_OK
Reserved
BCT2
BCT1
BCT0
Reset Value
0
0
0
0
0
0
0
0
STATUS REGISTER 3 (OSR3) DEFINITIONS 8H’83
Bit
Access
Name
Description
7
R
BT_OK
Buck 2-3 Supply Output Voltage Status
0 - (Buck 1-3) output voltage < 90% Default value
1 - (Buck 1-3) output voltage > 90% Default value
6
R
B3_OK
Buck 3 Supply Output Voltage Status
0 - (Buck 3) output voltage < 90% Default value
1 - (Buck 3) output voltage > 90% Default value
5
R
B2_OK
Buck 2 Supply Output Voltage Status
0 - (Buck 2) output voltage < 90% Default value
1 - (Buck 2) output voltage > 90% Default value
4
R
LDO1_OK
LDO_1 Output Voltage Status
0-(V
CC_LDO1) output voltage < 90% of selected value
1-(V
CC_LDO1) output voltage > 90% of selected value
3
Reserved
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com