Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 37Page - National Semiconductor (TI) LP3972 Datasheet HTML 38Page - National Semiconductor (TI) LP3972 Datasheet HTML 39Page - National Semiconductor (TI) LP3972 Datasheet HTML 40Page - National Semiconductor (TI) LP3972 Datasheet HTML 41Page - National Semiconductor (TI) LP3972 Datasheet HTML 42Page - National Semiconductor (TI) LP3972 Datasheet HTML 43Page - National Semiconductor (TI) LP3972 Datasheet HTML 44Page - National Semiconductor (TI) LP3972 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
I
2C Compatible Interface (Continued)
LOGIC OUTPUT ENABLE REGISTER (LOER) 8H’84
Bit
7
6*
5*
4*
3*2*1*0*
Designation
Reserved
B3ENC
B2ENC
B1ENC
L5EC
L4EC
L3EC
L2EC
Reset Value
0
1
1
0
0111
Note: ** denotes one time factory programmable EPROM registers for default values
LOGIC OUTPUT ENABLE REGISTER (LOER) DEFINITIONS 8H’84
Bit
Access
Name
Description
7
Reserved
6
R/W
B3ENC
Connects Buck 3 enable to SYS_EN or PWR_EN Logic Control pin
0 - Buck 3 enable connected to PWR_EN
1 - Buck 3 enable connected to SYS_EN, Default
5
R/W
B2ENC
Connects Buck 2 enable to SYS_EN or PWR_EN Logic Control pin
0 - Buck 2 enable connected to PWR_EN
1 - Buck 2 enable connected to SYS_EN, Default
4
R/W
B1ENC
Connects Buck 1 enable to SYS_EN or PWR_EN Logic Control pin
0 - Buck 1 enable connected to PWR_EN, Default
1 - Buck 1 enable connected to SYS_EN
3
R/W
L5EC
Connects LDO5 enable to SYS_EN or PWR_EN Logic Control pin
0 - LDO 5 enable connected to PWR_EN, Default
1 - LDO 5 enable connected to SYS_EN
2
R/W
L4EC
Connects LDO4 enable to SYS_EN or PWR_EN Logic Control pin
0 - LDO 4 enable connected to PWR_EN
1 - LDO 4 enable connected to SYS_EN, Default
1
R/W
L3EC
Connects LDO3 enable to SYS_EN or PWR_EN Logic Control pin
0 - LDO 3 enable connected to PWR_EN
1 - LDO 3 enable connected to SYS_EN, Default
0
R/W
L2EC
Connects LDO2 enable to SYS_EN or PWR_EN Logic Control pin
0 - LDO 2 enable connected to PWR_EN
1 - LDO 2 enable connected to SYS_EN, Default
www.national.com
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com