Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 2Page - National Semiconductor (TI) LP3972 Datasheet HTML 3Page - National Semiconductor (TI) LP3972 Datasheet HTML 4Page - National Semiconductor (TI) LP3972 Datasheet HTML 5Page - National Semiconductor (TI) LP3972 Datasheet HTML 6Page - National Semiconductor (TI) LP3972 Datasheet HTML 7Page - National Semiconductor (TI) LP3972 Datasheet HTML 8Page - National Semiconductor (TI) LP3972 Datasheet HTML 9Page - National Semiconductor (TI) LP3972 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
Pin Descriptions
Pin #
Name
I/O
Type
Description
1
PWR_ON
I
D
CPU Wakeup input, this can be a push button event to indicate the
device has been turned on. Phone / PDA main power button. Signal
is debounced internally on the PMIC.
If the POWER_ON is held low this will indicate to the PMIC to turn
off. Active high Polarity
2
nTEST_JIG
I
D
This is a input signal used for a turn on event coming from the bed
of nails tester during production. Active low polarity.
3
SPARE
I
D
CPU Wakeup input to indicate that a HW external event has
occurred, i.e. flipping the cell phone to power up the display.
4
EXT_WAKEUP
O
D
This signal is asserted when DC POWER source has been
asserted, or when the PWR_ON button is held down to turn off the
PMIC. Wake up on power detection, and power down detection.
5
FB1
I
A
Buck1 input feedback terminal
6V
IN
I
PWR
Battery Input (Internal circuitry and LDO1-3 power input)
7V
OUT LDO1
O
PWR
LDO1 output
8V
OUT LDO2
O
PWR
LDO2 output
9
nRSTI
I
D
Active low Reset pin. Signal used to reset the IC (by default is
pulled high internally). Typically a push button reset.
10
GND1
G
G
Ground
11
VREF
O
A
Bypass Cap. for the high internal impedance reference.
12
V
OUT LDO3
O
PWR
LDO3 output
13
V
OUT LDO4
O
PWR
LDO4 output
14
V
IN LDO4
I
PWR
Power input to LDO4, this can be connected to either from a 1.8V
supply to main Battery supply.
15
V
IN BUBATT
I
PWR
Back Up Battery input supply.
16
V
OUT
LDO_RTC
O
PWR
LDO_RTC output supply to the RTC of the application processor.
17
nBATT_FLT
O
D
Main Battery fault output, indicates the main battery is low
(discharged) or the dc source has been removed from the system.
This gives the processor an indicator that the power will shut down.
During this time the processor will operate from the back up coin
cell.
18
PGND2
G
G
Buck2 NMOS Power Ground
19
SW2
O
PWR
Buck2 switcher output
20
V
IN Buck2
I
PWR
Battery input power to Buck2
21
SDA
I/O
D
I
2C Data (Bidirectional)
22
SCL
I
D
I
2C Clock
23
FB2
I
A
Buck2 input feedback terminal
24
nRSTO
O
D
Reset output from the PMIC to the processor
25
V
OUT LDO5
O
PWR
LDO5 output
26
V
IN LDO5
I
PWR
Power input to LDO5, this can be connected to V
IN or to a separate
1.8V supply.
27
VDDA
I
PWR
Analog Power for VREF, BIAS
28
FB3
I
A
Buck3 Feedback
29
GPIO1 /
nCHG_EN
I/O
D
General Purpose I/O / Ext. backup battery charger enable pin. This
pin enables the main battery / DC source power to charge the
backup battery. This pin toggled via the application processor. By
grounding this pin the DC source continuously charges the backup
battery
30
GPIO2
I/O
D
General Purpose I/O
31
V
IN Buck3
I
PWR
Battery input power to Buck3
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com