Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 3Page - National Semiconductor (TI) LP3972 Datasheet HTML 4Page - National Semiconductor (TI) LP3972 Datasheet HTML 5Page - National Semiconductor (TI) LP3972 Datasheet HTML 6Page - National Semiconductor (TI) LP3972 Datasheet HTML 7Page - National Semiconductor (TI) LP3972 Datasheet HTML 8Page - National Semiconductor (TI) LP3972 Datasheet HTML 9Page - National Semiconductor (TI) LP3972 Datasheet HTML 10Page - National Semiconductor (TI) LP3972 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Pin Descriptions (Continued)
Pin #
Name
I/O
Type
Description
32
SW3
O
PWR
Buck3 switcher output
33
PGND3
G
G
Buck3 NMOS Power Ground
34
BGND1,2,3
G
G
Bucks 1, 2 and 3 analog Ground
35
SYNC
I
D
Frequency Synchronization: Connection to an external clock signal
PLL to synchronize the PMIC internal oscillator.
36
SYS_EN
I
D
Input Digital enable pin for the high voltage power domain supplies.
Output from the Monahans processor.
37
PWR_EN
I
D
Digital enable pin for the Low Voltage domain supplies. Output
signal from the Monahans processor
38
PGND1
G
G
Buck1 NMOS Power Ground
39
SW1
O
PWR
Buck1 Switcher output
40
VIN Buck1
I
PWR
Battery input power to Buck1
A: Analog Pin D: Digital Pin G: Ground Pin P: Power Pin I: Input Pin I/O: Input/Output Pin O: Output Pin
Note: In this document active low logic items are prefixed with a lowercase “n”
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com