Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 7Page - National Semiconductor (TI) LP3972 Datasheet HTML 8Page - National Semiconductor (TI) LP3972 Datasheet HTML 9Page - National Semiconductor (TI) LP3972 Datasheet HTML 10Page - National Semiconductor (TI) LP3972 Datasheet HTML 11Page - National Semiconductor (TI) LP3972 Datasheet HTML 12Page - National Semiconductor (TI) LP3972 Datasheet HTML 13Page - National Semiconductor (TI) LP3972 Datasheet HTML 14Page - National Semiconductor (TI) LP3972 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
LDO1to5
Unless otherwise noted, V
IN = 3.6V, CIN = 1.0 µF, COUT = 0.47 µF, COUT (VRTC) = 1.0 µF ceramic. Typical values and limits
appearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature
range for operation, −40˚C to +125˚C. (Notes 2, 6, 7, 10, 11, 15) and (Note 16).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage Accuracy (Default
V
OUT)
Load Current=1mA
−3
3
%
∆V
OUT
Line Regulation
V
IN =3.1V to 5.0V, (Note 11) Load
Current=1mA
0.15
%/V
Load Regulation
V
IN = 3.6V,
Load Current=1mAtoI
MAX
0.011
%/mA
I
SC
Short Circuit Current Limit
LDO1–4, V
OUT = 0V
400
mA
LDO5, V
OUT = 0V
500
V
IN -
V
OUT
Dropout Voltage
Load Current = 50 mA (Note 7)
150
mV
PSRR
Power Supply Ripple Rejection
f = 10 kHz, Load Current = I
MAX
45
dB
I
Q
Quiescent Current “On”
I
OUT =0mA
40
µA
Quiescent Current “On”
I
OUT =IMAX
60
Quiescent Current “Off”
EN is de-asserted
0.03
T
ON
Turn On Time
Start up from Shut-down
300
µsec
C
OUT
Output Capacitor
Capacitance for Stability
0˚C
≤ T
J
≤ 125˚C
0.33
0.47
µF
−40˚C
≤ T
J
≤ 125˚C
0.68
1.0
ESR
5
500
m
LDO dropout voltage vs. Load Current collect data for all LDO’s
Dropout Voltage vs. Load Current
Change in Output Voltage vs. Load Current
20207629
20207630
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com