Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 9Page - National Semiconductor (TI) LP3972 Datasheet HTML 10Page - National Semiconductor (TI) LP3972 Datasheet HTML 11Page - National Semiconductor (TI) LP3972 Datasheet HTML 12Page - National Semiconductor (TI) LP3972 Datasheet HTML 13Page - National Semiconductor (TI) LP3972 Datasheet HTML 14Page - National Semiconductor (TI) LP3972 Datasheet HTML 15Page - National Semiconductor (TI) LP3972 Datasheet HTML 16Page - National Semiconductor (TI) LP3972 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
Buck Converters SW1, SW2, SW3
Unless otherwise noted, V
IN = 3.6V, CIN = 10 µF, COUT = 10 µF, LOUT = 2.2 µH ceramic. Typical values and limits appearing in
normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature range for opera-
tion, −40˚C to +125˚C. (Notes 2, 6, 12) and (Note 13).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Output Voltage Accuracy
Default V
OUT
−3
+3
%
Eff
Efficiency
Load Current = 500 mA
95
%
I
SHDN
Shutdown Supply Current
EN is de-asserted
0.1
µA
Sync Mode Clock Frequency
Synchronized from 13 MHz System
Clock
10.4
13
15.6
MHz
f
OSC
Internal Oscillator Frequency
2.0
MHz
I
PEAK
Peak Switching Current Limit
2.1
2.4
A
I
Q
Quiescent Current “On”
No Load PFM Mode
21
µA
No Load PWM Mode
200
R
DSON (P)
Pin-Pin Resistance PFET
240
m
R
DSON (N)
Pin-Pin Resistance NFET
200
m
T
ON
Turn On Time
Start up from Shut-down
500
µsec
C
IN
Input Capacitor
Capacitance for Stability
8
µF
C
O
Output Capacitor
Capacitance for Stability
8
µF
Buck 1 Output Efficiency vs. Load Current Varied from 1mA to 1.5 Amps
V
IN = 3, 3.5 volts VOUT = 1.4 volts Forced PWM
V
IN = 4.0-4.5 volts VOUT = 1.4 volts Forced PWM
20207634
20207635
V
IN = 3, 3.5 volts VOUT = 1.4 volts Forced PWM
Line Transient Response
V
IN = 3 – 3.6 V, VOUT = 1.2 V, 250 mA load
20207636
20207637
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com