Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 4Page - National Semiconductor (TI) LP3972 Datasheet HTML 5Page - National Semiconductor (TI) LP3972 Datasheet HTML 6Page - National Semiconductor (TI) LP3972 Datasheet HTML 7Page - National Semiconductor (TI) LP3972 Datasheet HTML 8Page - National Semiconductor (TI) LP3972 Datasheet HTML 9Page - National Semiconductor (TI) LP3972 Datasheet HTML 10Page - National Semiconductor (TI) LP3972 Datasheet HTML 11Page - National Semiconductor (TI) LP3972 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
All Inputs
−0.3V to +6.5V
GND to GND SLUG
±0.3V
Junction Temperature (T
J-MAX)
150˚C
Storage Temperature
−65˚C to +150˚C
Power Dissipation
(T
A = 70˚C) (Note 3)
3.2W
Junction-to-Ambient Thermal
Resistance
θ
JA (Note 3)
25˚C/W
Maximum Lead Temp (Soldering)
260˚C
ESD Rating (Note 5)
Human Body Model
2 kV
Machine Model
200V
Operating Ratings
V
IN LDO 4,5
2.7V to 5.5V
V
EN
1.74 to (V
IN
Junction Temperature (T
J)
−40˚C to +125˚C
Operating Temperature (T
A)
−40˚C to +85˚C
Maximum Power Dissipation
(T
A = 70˚C) (Notes 3, 4)
2.2W
General Electrical Characteristics Typical values and limits appearing in normal type apply for
T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature range for operation, −40˚C to +125˚C.
(Notes 2, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN, VDDA, VIN Buck1, 2 and 3
Battery Voltage
2.7
3.6
5.5
V
V
INLDO4, VINLDO5
Power Supply for LDO 4 and 5
1.74
3.6
5.5
V
T
SD
Thermal Shutdown (Note 14)
Temperature
160
˚C
Hysteresis
20
**No input supply should be higher then VDDA
Supply Specifications (Notes 2, 5)
Supply
V
OUT (Volts)
I
MAX
Maximum Current
Range
Resolution
Current (mA)
(V)
(mV)
LDO_RTC
2.8V
N/A
30 mA dc source 10 mA backup
source
LDO1 (V
CC_MVT)
1.7 to 2.0
25
300
LDO2
1.8 to 3.3
100
150
LDO3
1.8 to 3.3
100
150
LDO4
1.0 to 3.3
50-600
150
LDO5 (V
CC_SRAM)
0.850 to 1.5
25
400
BUCK 1 (V
CC_APPS)
0.725 to 1.5
25
1600
BUCK 2
0.8 to 3.3
50-600
1600
BUCK 3
0.8 to 3.3
50-600
1600
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com