Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 47Page - National Semiconductor (TI) LP3972 Datasheet HTML 48Page - National Semiconductor (TI) LP3972 Datasheet HTML 49Page - National Semiconductor (TI) LP3972 Datasheet HTML 50Page - National Semiconductor (TI) LP3972 Datasheet HTML 51Page - National Semiconductor (TI) LP3972 Datasheet HTML 52Page - National Semiconductor (TI) LP3972 Datasheet HTML 53Page - National Semiconductor (TI) LP3972 Datasheet HTML 54Page - National Semiconductor (TI) LP3972 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
LP3972 Controls (Continued)
THERMAL MANAGEMENT
Application: There is a mode wherein all 6 comparators
(flags) can be turned on via the “enallflags” control register
bit. This mode allows the user to interrogate the device or
system temperature under the set operating conditions.
Thus, the rate of temperature change can also be estimated.
The system may then negotiate for speed and power trade
off, or deploy cooling maneuvers to optimize system perfor-
mance. The “enallflags” bit needs enabled only when the
“bct<2:0> bits are read to conserve power.
Note: The thermal management flags have been verified
functional. Presently these registers are accessible by fac-
tory only. If there is a demand for this function, the relevant
register controls may be shifted into the user programmable
bank; the temperature range and resolution of these flags,
might also be refined/redefined.
THERMAL WARNING
2 of 6 low power comparators, each consumes less than 1
µA, are always enabled to operate the “T=125˚C warning
flag with hysteresis. This allows continuous monitoring of a
thermal-warning flag feature with very low power consump-
tion.
LP3972 THERMAL FLAGS FUNCTIONAL DIAGRAM,
DATA FROM INITIAL SILICON
The following functions are extra features from the thermal
shutdown circuit:
20207646
www.national.com
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com