Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 45Page - National Semiconductor (TI) LP3972 Datasheet HTML 46Page - National Semiconductor (TI) LP3972 Datasheet HTML 47Page - National Semiconductor (TI) LP3972 Datasheet HTML 48Page - National Semiconductor (TI) LP3972 Datasheet HTML 49Page - National Semiconductor (TI) LP3972 Datasheet HTML 50Page - National Semiconductor (TI) LP3972 Datasheet HTML 51Page - National Semiconductor (TI) LP3972 Datasheet HTML 52Page - National Semiconductor (TI) LP3972 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
LP3972 Controls (Continued)
WAKE-UP FUNCTIONALITY (PWR_ON, nTEST_JIG,
SPARE AND EXT_WAKEUP)
Three input pins can be used to assert wakeup output for 10
ms for application processor notification to wakeup. SPARE
Input can be programmed through I
2C compatible interface
to be active low or high (SPARE bit, Default is active low ‘1’).
A reason for wakeup event can be read through I
2C compat-
ible interface also. Additionally wakeup inputs have 30 ms
de-bounce filtering. Furthermore PWR_ON have distinguish-
ing between short and long (
∼1s) pulses (push button input).
LP3972 also has an internal Thermal Shutdown early warn-
ing that generates a wakeup to the system also. This is
generated usually at 125˚C.
20207619
WAKEUP register bits
Reason for WAKEUP
WUP0
SPARE
WUP1
TEST_JIG
WUP2
PWR_ON short pulse
WUP3
PWR_ON long pulse
TSD_EW
TSD Early Warning
INTERNAL THERMAL SHUTDOWN PROCEDURE
Thermal shutdown is build to generate early warning (typ.
125˚C) which triggers the EXT_WAKEUP for the processor
acknowledge. When a thermal shutdown triggers (typ.
160˚C) the PMU will reset the system until the device cools
down.
BATTERY SWITCH AND BACK UP BATTERY CHARGER
When Back-Up battery is connected but the main battery has
been removed or its supply voltage too low, LP3972 uses
Back-Up Battery for generating LDO_RTC voltage. When
Main Battery is available the battery fet switches over to the
main battery for LDO_RTC voltage. When Main battery volt-
age is too low or removed nBATT_FLT is asserted. If no back
up battery exists, the battery switch to back up can be
switched off by nBU_BAT_EN bit. User can set the battery
fault determination voltage and battery charger current via
I
2C compatible interface. Enabling of back up battery
charger can be done via serial interface (nBAT_CHG_EN) or
external charger enable pin (nCHG_EN). Pin 29 is set as
external charger enable input by default.
www.national.com
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com