Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201/PCB Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 3 Page - Analog Devices

  ADIS16201/PCB Datasheet HTML 1Page - Analog Devices ADIS16201/PCB Datasheet HTML 2Page - Analog Devices ADIS16201/PCB Datasheet HTML 3Page - Analog Devices ADIS16201/PCB Datasheet HTML 4Page - Analog Devices ADIS16201/PCB Datasheet HTML 5Page - Analog Devices ADIS16201/PCB Datasheet HTML 6Page - Analog Devices ADIS16201/PCB Datasheet HTML 7Page - Analog Devices ADIS16201/PCB Datasheet HTML 8Page - Analog Devices ADIS16201/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 3 of 32
SPECIFICATIONS
TA = −40oC to +125°C, VDD = 3.3 V, tilt = 0°, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
INCLINOMETER
Each axis
Input Range
Operable to ~±90 degrees
±70
Degrees
Relative Accuracy
±15 degrees, 25°C, max filter
±0.25
Degrees
±30 degrees, 25°C, max filter
±0.5
Degrees
±60 degrees, 25°C, max filter
±1.5
Degrees
Sensitivity
±60 degrees, 25°C
9.9
10
10.1
LSB/degrees
Sensitivity over Temperature
±30 degrees
±50
ppm/°C
Offset
At 25°C
2037
2048
2059
LSB
Offset over Temperature
±0.082
LSB/°C
ACCELEROMETER
Each axis
Input Range1
At 25°C
±1.7
g
Nonlinearity1
% of full scale
±0.5
±2.5
%
Alignment Error
X sensor to Y sensor
±0.1
Degrees
Cross Axis Sensitivity
±2
%
Sensitivity
At 25°C
2.140
2.162
2.184
LSB/mg
Sensitivity over Temperature
±50
ppm/°C
Offset
At 25°C, 0 g
8151
8192
8233
LSB
Offset over Temperature
±0.33
LSB/°C
ACCELEROMETER NOISE PERFORMANCE
Output Noise
At 25°C, no averaging
22
LSB rms
Noise Density
At 25°C, no averaging
0.37
LSB/√Hz rms
ACCELEROMETER FREQUENCY RESPONSE
Sensor Bandwidth
2250
Hz
Sensor Resonant Frequency
5.5
kHz
ACCELEROMETER SELF-TEST STATE2
Output Change When Active
At 25°C
372
708
1040
LSB
TEMPERATURE SENSOR
Output at 25°C
1278
LSB
Scale Factor
−2.13
LSB/°C
ADC INPUT
Resolution
12
Bits
Integral Nonlinearity
±2
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±4
LSB
Gain Error
±2
LSB
Input Range
0
2.5
V
Input Capacitance
During acquisition
20
pF
ON-CHIP VOLTAGE REFERENCE
2.5
V
Accuracy
At 25°C
−10
+10
mV
Reference Temperature Coefficient
±40
ppm/oC
Output Impedance
70
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com