Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button ADIS16201/PCB Datasheet HTML 24Page - Analog Devices ADIS16201/PCB Datasheet HTML 25Page - Analog Devices ADIS16201/PCB Datasheet HTML 26Page - Analog Devices ADIS16201/PCB Datasheet HTML 27Page - Analog Devices ADIS16201/PCB Datasheet HTML 28Page - Analog Devices ADIS16201/PCB Datasheet HTML 29Page - Analog Devices ADIS16201/PCB Datasheet HTML 30Page - Analog Devices ADIS16201/PCB Datasheet HTML 31Page - Analog Devices ADIS16201/PCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 29 of 32
APPLICATIONS
SERIAL PERIPHERAL INTERFACE (SPI)
The ADIS16201 integrates a hardware SPI on-chip. SPI is an
industry-standard synchronous serial interface that allows data
to be transmitted and received simultaneously, that is, full duplex
up to a maximum bit rate of 2.5 Mbps depending upon the
sample period selection. The SPI port is configured for slave
operation and consists of four pins.
DOUT
The data out pin (DOUT) is an output pin used to transmit
data out of the ADIS16201. The data is transmitted in a 16-bit
(2–byte) format, MSB first.
DIN
The data-in pin (DIN) is an input pin that is used for the
reception of data from the master. The data is received in a
16-bit (2-byte) format with the W/R control bit and address
contained in the first data byte and the data contained within
the second data byte, MSB first.
SCLK
The serial clock pin (SCLK) is used to synchronize the data
being transmitted and received through the SCLK period.
Therefore, a 16-bit (2-byte) word is transmitted/received after
16 SCLK periods. The SCLK pin is configured as an input.
CS
In the ADIS16201 a transfer is initiated by the assertion of the
chip select pin (CS), which is an active-low signal. The SPI port
then transmits and receives data in 16-bit blocks until the
transfer is concluded by de-assertion of CS.
The control registers within the ADIS16201 are based upon a
16-bit (2-byte) format. Data is loaded in from the DIN pin of
the ADIS16201 on the rising edge of SCLK. This requires 16
serial clocks for every data transfer framed by the low period of
the CS line. The part operates in full duplex mode with the data
clocked out of the DOUT pin, likewise on the rising edge of the
SCLK. For each read command received, the corresponding
output data is clocked out of the DOUT pin during the
following cycle, as defined by the CS line.
OUTPUT RESPONSE
Figure 39 displays the typical output response for the
ADIS16201 for several gravitational measurement orientations.
This is a convenient plot for understanding the basic orientation
of the inertial sensor measurement axes.
BOTTOM
VIEW
(Not to Scale)
1
1
1
1
X_ACCLOUT = 0LSB
Y_ACCLOUT = –2162LSB
NOTES
1. DATA SHOWN IN TWOS COMPLEMENT FORMAT.
X_ACCLOUT = 0LSB
Y_ACCLOUT = +2162LSB
X_ACCLOUT = –2162LSB
Y_ACCLOUT = 0LSB
X_ACCLOUT = +2162LSB
Y_ACCLOUT = 0LSB
EARTH’S SURFACE
Figure 39. Output Response vs. Orientation
HARDWARE CONSIDERATIONS
The ADIS16201 can be operated from a single 3.3 V (3.0 V to
3.6 V) power supply. The ADIS16201 integrates two decoupling
capacitors that are 1 μF and 0.1 μF in value. For the local
operation of the ADIS16201, no additional power supply
decoupling capacitance is required.
However, if the system power supply presents a substantial
amount of noise, additional filtering can be required. If
additional capacitors are required, connect the ground terminal
of each of these capacitors directly to the underlying ground
plane. Finally, note that all analog and digital grounds should be
referenced to the same system ground reference point.
GROUNDING AND BOARD LAYOUT RECOMENDATIONS
Maintaining low impedance signal return paths can be very
critical in managing system-level noise effects. For best results,
use a single, continuous ground plane that is tied to each
ADIS16201 ground pin via short via and trace lengths. In
addition to maintaining a low-impedance ground structure,
routing the SPI signals away from any sensitive analog circuits,
such as the ADC and DACs (if they are in use), can help
mitigate system-level noise risks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com