Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201/PCB Datasheet(PDF) 22 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIS16201/PCB Datasheet HTML 18Page - Analog Devices ADIS16201/PCB Datasheet HTML 19Page - Analog Devices ADIS16201/PCB Datasheet HTML 20Page - Analog Devices ADIS16201/PCB Datasheet HTML 21Page - Analog Devices ADIS16201/PCB Datasheet HTML 22Page - Analog Devices ADIS16201/PCB Datasheet HTML 23Page - Analog Devices ADIS16201/PCB Datasheet HTML 24Page - Analog Devices ADIS16201/PCB Datasheet HTML 25Page - Analog Devices ADIS16201/PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 22 of 32
The versatility built into the alarm function is intended to allow
the user to adapt to a number of different applications. For
example, in the case of monitoring a twos complement variable,
the GT1 bit within the ALM_MAG1 control register can allow
for the detection of negative excursions below a fixed level. In
addition, the Alarm 1 and Alarm 2 functions can be set to
monitor the same variable that allows the user to discern if an
output variable remains within a predefined window.
Other options include the ROC function that can be used in
monitoring high frequency shock levels in the acceleration
outputs or slowly changing outputs in the inclination level over
a period of a minute or more. With the addition of the alarm
hardware functionality, the ADIS16201 can be left to run
independently of the main processor and interrupt the system
only when an alarm condition occurs. Conversely, the alarm
condition can be monitored through the routine polling of any
one of the seven data output registers.
Note that the alarm functions work from instantaneous data
and not averaged data that can be present when the AVG_CNT
register is not set to 0. The alarm hardware output indicator is
not latched but tracks the actual alarm conditions in real time.
ALM_MAG1 Register Definition
Address
Default1
Format
Access
0x21, 0x20
0x0000
N/A
R/W
1
Default is valid only until the first register write cycle.
The ALM_MAG1 register contains the threshold level for
Alarm 1. The contents of this register are nonvolatile.
Table 19. ALM_MAG1 Bit Designations
Bit
Description
15
Greater than active alarm bit.
1: Alarm is active for an output greater than Alarm
Magnitude 1 register setting.
0: Alarm is active for an output less than Alarm
Magnitude 1 register setting.
14
Not used.
13:0
Data bits. This number can be either twos
complement or straight binary. The format is set by
the value being monitored by this function.
ALM_SMPL1 Register Definition
Address
Default1
Format
Access
0x25, 0x24
0x0000
Binary
R/W
1
Default is valid only until the first register write cycle.
The ALM_SMPL1 register contains the sample period
information for Alarm 1, when it is set for rate-of-change alarm
monitoring. The rate-of-change alarm function averages the
change in the output variable over the specified number of
samples and compares this change directly to the values
specified in the ALM_MAG1 register. The contents of this
register are nonvolatile.
Table 20. ALM_SMPL1 Bit Designations
Bit
Description
15:8
Not used
7:0
Data bits
ALM_MAG2 Register Definition
Address
Default1
Format
Access
0x23, 0x22
0x0000
N/A
R/W
1
Default is valid only until the first register write cycle.
The ALM_MAG2 register contains the threshold level for
Alarm 2. The contents of this register are nonvolatile.
Table 21. ALM_MAG2 Bit Designations
Bit
Description
15
Greater than active alarm bit.
1: Alarm is active for an output greater than Alarm
Magnitude 2 register setting.
0: Alarm is active for an output less than Alarm
Magnitude 2 register setting.
14
Not used.
13:0
Data bits. This number can be either twos
complement or straight binary. The format is set by
the value being monitored by this function.
ALM_SMPL2 Register Definition
Address
Default1
Format
Access
0x27, 0x26
0x0000
Binary
R/W
1
Default is valid only until the first register write cycle.
The ALM_SMPL2 register contains the sample period
information for Alarm 2, when it is set for rate-of-change alarm
monitoring. The rate-of-change alarm function averages the
change in the output variable over the specified number of
samples and compares this change directly to the values
specified in the ALM_MAG1 register. The contents of this
register are nonvolatile.
Table 22. ALM_SMPL2 Bit Designations
Bit
Description
15:8
Not used
7:0
Data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com