Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201/PCB Datasheet(PDF) 19 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIS16201/PCB Datasheet HTML 15Page - Analog Devices ADIS16201/PCB Datasheet HTML 16Page - Analog Devices ADIS16201/PCB Datasheet HTML 17Page - Analog Devices ADIS16201/PCB Datasheet HTML 18Page - Analog Devices ADIS16201/PCB Datasheet HTML 19Page - Analog Devices ADIS16201/PCB Datasheet HTML 20Page - Analog Devices ADIS16201/PCB Datasheet HTML 21Page - Analog Devices ADIS16201/PCB Datasheet HTML 22Page - Analog Devices ADIS16201/PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 19 of 32
CONTROL REGISTER DETAILS
The control registers in the ADIS16201 are 16 bits in length.
Each of them has been assigned an address for their upper byte
and lower byte. The bit map of each control register uses the
numerical assignments that are displayed in the following table.
MSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
The upper byte consists of Bit 8 to Bit 15, and the lower byte
consists of Bit 0 to Bit 7. Each of the following sections provides
a description of each register that includes purpose, relevant
scaling information, bit maps, addresses, and default values.
CALIBRATION
The ADIS16201 outputs are precalibrated at the factory, providing
a high degree of accuracy and simpler system implementation.
In addition, for system or field updates, the device has eight
control registers associated with calibrating the acceleration and
inclination output data (see the Calibration Register Definitions
section). Each of these registers has read/write capability and is
16 bits (2 bytes) in length. All calibration registers are 12 bits in
length, with the exception of the inclination offset registers, which
are 9 bits in length. All data values are aligned to the LSB. The
OFFSET registers all utilize the twos complement format
allowing for both positive and negative offsets. All scale registers
utilize the straight binary format.
The data within these eight calibration registers is utilized in
offsetting and scaling of the output data registers according to
the following relationship:
(
)
C
x
A
Output
+
×
=
where:
x represents the raw data prior to calibration.
C is the offset.
A is the scalar.
Output represents the output data register where the resultant
data is stored.
All four inertial sensor outputs (X and Y acceleration, X and Y
inclination) have their own independent set of calibration
registers.
Simple access to these registers enables field calibration to
correct for in-system error sources. In particular, the offset
control registers allow the user to reset to 0°/0 mg reference
point for the device. This is particularly important when
considering the stack-up of the tolerances in mounting the
ADIS16201 to a printed circuit board (PCB), the PCB to an
enclosure, the enclosure mounted to the chassis of a piece of
equipment, and so on.
The result is that the ADIS16201 mechanical reference can be
offset several degrees from that of the end equipment
mechanical reference, resulting in an accumulation of offset
errors in the inclination and acceleration data output registers.
The offset registers provide a convenient tool for managing
these types of errors.
A global command is implemented within the ADIS16201 to
simplify the loading of the offsets. Once the end piece of
equipment is leveled to its desired reference point, a null
command can be sent to the ADIS16201 via the command
control register, which zeros the two acceleration and the two
inclination output data registers. This command loads all four
offset registers with the inverse of their contents at the time of
the null command. Consequently, on the next reading of the
seven output data registers, the two acceleration and two
inclination output data registers should be reset to mid-scale
(neglecting noise and repeatability limitations). It is suggested
that when the null command is implemented, the AVG_CNT
control register be set to 08h in order to maximize the filtering
and reduce the effects of noise in determining the values to be
loaded into the offset control registers. Optionally, the user can
manually load each of the eight calibration registers via the SPI
in order to calibrate the end system. This is applicable when the
user plans to adjust the scale factors, thus requiring an external
stimulus to excite the ADIS16201.
CALIBRATION REGISTER DEFINITIONS
XACCL_OFF Register Definition
Address
Scale1
Default
Format
Access
0x11, 0x10
0.4624 mg
0x0000
Twos
complement
R/W
1
Scale is the weight of each LSB.
The XACCL_OFF register is the user-controlled register for
calibrating system-level acceleration offset errors. For the X-axis
acceleration, it represents the C variable in the calibration
equation. The maximum calibration range is +0.945 g, or
+2047/−2048 codes, assuming nominal sensor sensitivity. The
contents of this register are nonvolatile.
Table 11. XACCL_OFF Bit Designations
Bit
Description
15:12
Not used
11:0
Data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com