Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16201/PCB Datasheet HTML 7Page - Analog Devices ADIS16201/PCB Datasheet HTML 8Page - Analog Devices ADIS16201/PCB Datasheet HTML 9Page - Analog Devices ADIS16201/PCB Datasheet HTML 10Page - Analog Devices ADIS16201/PCB Datasheet HTML 11Page - Analog Devices ADIS16201/PCB Datasheet HTML 12Page - Analog Devices ADIS16201/PCB Datasheet HTML 13Page - Analog Devices ADIS16201/PCB Datasheet HTML 14Page - Analog Devices ADIS16201/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 11 of 32
5
–5
0
4096
DAC STATE
4
3
2
1
0
–1
–2
–3
–4
512
1024
1536
2048
2560
3072
3584
3.0V/–40°C
3.0V/+25°C
3.0V/+125°C
3.3V /–40°C
3.3V/+25°C
3.3V/+125°C
3.6V/–40°C
3.6V/+25°C
3.6V/+125°C
Figure 23. Typical DAC Integral Nonlinearity
250
0
(V)
200
150
100
50
Figure 24. VREF Distribution at 25°C/3.3 V
60
0
(°C)
50
40
30
20
10
Figure 25. Temperature Distribution at 25°C/3.3 V
140
0
(mA)
120
100
80
60
40
20
Figure 26. Normal Mode Power Supply Current Distribution at 25°C/3.3 V
140
0
(mA)
120
100
80
60
40
20
Figure 27. Fast Mode Power Supply Current Distribution at 25°C/3.3 V
180
0
(µA)
160
140
120
100
80
60
40
20
Figure 28. Sleep Mode Power Supply Current Distribution at 25°C/3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com