Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16201/PCB Datasheet HTML 11Page - Analog Devices ADIS16201/PCB Datasheet HTML 12Page - Analog Devices ADIS16201/PCB Datasheet HTML 13Page - Analog Devices ADIS16201/PCB Datasheet HTML 14Page - Analog Devices ADIS16201/PCB Datasheet HTML 15Page - Analog Devices ADIS16201/PCB Datasheet HTML 16Page - Analog Devices ADIS16201/PCB Datasheet HTML 17Page - Analog Devices ADIS16201/PCB Datasheet HTML 18Page - Analog Devices ADIS16201/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 15 of 32
BASIC OPERATION
The ADIS16201 is designed for simple integration into indus-
trial system designs, requiring only a 3.3 V power supply and a
4-wire, industry standard, serial peripheral interface (SPI).
Registers that are accessed using the SPI interface facilitate all of
the input/output functions on the ADIS16201. Each of these
registers is assigned a unique address and data format tailored
for its specific function. The SPI port operates in a full duplex
mode; data is clocked out of the DOUT pin at the same time
command/address data is clocked in through the DIN pin. For
more information on basic SPI port operation, see the
Applications section.
DATA OUTPUT REGISTER ACCESS
For the most basic operation of the ADIS16201, output data
registers require only read commands for accessing calibrated
sensor data, along with the temperature, power supply, and
auxiliary analog input channel data. Each read command
requires two full 16-bit cycles. The first cycle is for transmitting
the register address, and the second cycle is for reading the data.
Table 6 displays the appropriate bit map for the read command.
Bit A0 through Bit A5 contain the address of the register being
accessed. The appropriate sequencing for each SPI signal (CS,
SLCK, DIN, and DOUT) during a read command can be found
in Figure 34.
The data output register configuration is broken down into three
different functions: new data ready bit (ND), alarm indicator
(EA), and data bits (D0 to D13). The ND bit is used to determine
if a particular register has been updated since the last read
command. A Logic Level 1 for ND indicates that unread data is
available. When a register is read, this bit is set to a 0 logic level.
The alarm indicator provides users with a simple method for
passively monitoring a variety of status/alarm conditions and can
be used to simplify system-level processing requirements.
The two acceleration output data registers are 14 bits in length
and are formatted as twos complement binary numbers. The
rest of the data output registers are 12 bits in length, leaving D12
and D13 as “don’t care” bits. The output format for each of these
registers, along with their addresses, can be found in Table 7.
Each output data register has two different addresses. The first
address is for the upper byte, which contains the most
significant bits (D8 to D13), ND, and EA data. The second
address is for the lower byte, which contains the eight least
significant bits (D0 to D7). Reading either of these addresses
results in all 16 bits being clocked out on the DOUT line as
defined in Table 6 during the next SPI cycle.
ADDRESS
IDLE
NEXT COMMAND
BASED ON PREVIOUS COMMAND
16-BIT DATA WORD
CS
SCLK
DIN
DOUT
READ BIT = 0
ZERO
Figure 34. Register Read Command Sequence
Table 6. Register Read Command Bit Map
DIN
W/R1
0
A5
A4
A3
A2
A1
A0
x
x
x
x
x
x
x
x
DOUT
ND
EA
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Upper Byte
Lower Byte
1 The W/R bit is always 0 for read commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com