Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS16201/PCB Datasheet HTML 16Page - Analog Devices ADIS16201/PCB Datasheet HTML 17Page - Analog Devices ADIS16201/PCB Datasheet HTML 18Page - Analog Devices ADIS16201/PCB Datasheet HTML 19Page - Analog Devices ADIS16201/PCB Datasheet HTML 20Page - Analog Devices ADIS16201/PCB Datasheet HTML 21Page - Analog Devices ADIS16201/PCB Datasheet HTML 22Page - Analog Devices ADIS16201/PCB Datasheet HTML 23Page - Analog Devices ADIS16201/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 20 of 32
XACCL_SCALE Register Definition
Address
Scale1
Default
Format
Access
0x15, 0x14
0.0488%
0x0800
Binary
R/W
1
Scale is the weight of each LSB.
The XACCL_SCALE register is the user-controlled register for
calibrating system-level acceleration sensitivity errors. For the
X-axis acceleration, it represents the A variable in the calibration
equation. This register offers a sensitivity calibration range of 0 to
2, or 0 to 4095 codes, assuming nominal sensor sensitivity. The
contents of this register are nonvolatile.
Table 12. XACCL_SCALE Bit Designations
Bit
Description
15:12
Not used
11:0
Data bits
YACCL_OFF Register Definition
Address
Scale1
Default
Format
R/W
0x13, 0x12
0.4624 mg
0x0000
Twos
complement
Both
1
Scale is the weight of each LSB.
The YACCL_OFF register is the user-controlled register for
calibrating system-level acceleration offset errors. For the Y-axis
acceleration, it represents the C variable in the calibration
equation. The maximum calibration range is +0.945 g, or
+2047/−2048 codes, assuming nominal sensor sensitivity. The
contents of this register are nonvolatile.
Table 13. YACCL_OFF Bit Designations
Bit
Description
15:12
Not used
11:0
Data bits
YACCL_SCALE Register Definition
Address
Scale1
Default
Format
Access
0x17, 0x16
0.0488%
0x0800
Binary
R/W
1
Scale is the weight of each LSB.
The YACCL_SCALE register is the user-controlled register for
calibrating system-level acceleration sensitivity errors. For the
Y-axis acceleration, it represents the A variable in the calibration
equation. This register offers a sensitivity calibration range of 0 to
2, or 0 to 4095 codes, assuming nominal sensor sensitivity. The
contents of this register are nonvolatile.
Table 14. YACCL_SCALE Bit Designations
Bit
Description
15:12
Not used
11:0
Data bits
XINCL_OFF Register Definition
Address
Scale1
Default
Format
Access
0x19, 0x18
0.1°
0x0000
Twos
complement
R/W
1
Scale is the weight of each LSB.
The XINCL_OFF register is the user-controlled register for
calibrating system-level inclination offset errors. For the X-axis
inclination, it represents the C variable in the calibration
equation. The maximum calibration range is +25.5° or
+255/−256 codes, assuming nominal sensor sensitivity. The
contents of this register are nonvolatile.
Table 15. XINCL_OFF Bit Designations
Bit
Description
15:9
Not used
8:0
Data bits
XINCL_SCALE Register Definition
Address
Scale1
Default
Format
Access
0x1D, 0x1C
0.0488%
0x0800
Binary
R/W
1
Scale is the weight of each LSB.
The XINCL_SCALE register is the user-controlled register for
calibrating system-level inclination sensitivity errors. For the X-
axis inclination, it represents the A variable in the calibration
equation. The calibration range is from 0 to 2, or 0 to 4095
codes, assuming nominal sensor sensitivity. The contents of this
register are nonvolatile.
Table 16. XINCL_SCALE Bit Designations
Bit
Description
15:12
Not used
11:0
Data bits
YINCL_OFF Register Definition
Address
Scale1
Default
Format
Access
0x1B, 0x1A
0.1º
0x0000
Twos
complement
R/W
1
Scale is the weight of each LSB.
The YINCL_OFF register is the user-controlled register for
calibrating system-level inclination offset errors. For the Y-axis
inclination, it represents the C variable in the calibration
equation. The maximum calibration range is +25.5º or +255/
−256 codes, assuming nominal sensor sensitivity. The contents
of this register are nonvolatile.
Table 17. YINCL_OFF Bit Designations
Bit
Description
15:9
Not used
8:0
Data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com