Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201/PCB Datasheet(PDF) 16 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIS16201/PCB Datasheet HTML 12Page - Analog Devices ADIS16201/PCB Datasheet HTML 13Page - Analog Devices ADIS16201/PCB Datasheet HTML 14Page - Analog Devices ADIS16201/PCB Datasheet HTML 15Page - Analog Devices ADIS16201/PCB Datasheet HTML 16Page - Analog Devices ADIS16201/PCB Datasheet HTML 17Page - Analog Devices ADIS16201/PCB Datasheet HTML 18Page - Analog Devices ADIS16201/PCB Datasheet HTML 19Page - Analog Devices ADIS16201/PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 16 of 32
Table 7. Data Output Register Information
Name
Function
Address
Resolution
(Bits)
Data
Format
Scale Factor
(per LSB)
SUPPLY_OUT
Power Supply Data
0x03, 0x02
12
Binary
1.22 mV
XACCL_OUT
X-Axis Acceleration Data
0x05, 0x04
14
Twos complement
0.4625 mg
YACCL_OUT
Y-Axis Acceleration Data
0x07, 0x06
14
Twos complement
0.4625 mg
AUX_ADC
Auxiliary Analog Input Data
0x09, 0x08
12
Binary
0.61 mV
TEMP_OUT
Sensor Temperature Data
0x0B, 0x0A
12
Binary
−0.47°C
XINCL_OUT
X-Axis Inclination Data
0x0D, 0x0C
12
Twos complement
0.1°
YINCL_OUT
Y-Axis Inclination Data
0x0F, 0x0E
12
Twos complement
0.1°
Table 8. Output Coding Example, XACCL_OUT1, 2
Acceleration Level
Binary Output
HEX Output
Decimal
+1.7 g
00 1110 0101 1011
0x0E5B
3675
+1 g
00 1000 0111 0010
0x0872
2162
+0.4625 g
00 0011 1110 1000
0x03E8
1000
+0.4625 mg
00 0000 0000 0001
0x0001
1
0 g
00 0000 0000 0000
0x0000
0
−0.4625 mg
11 1111 1111 1111
0x3FFF
−1
−0.4265 g
11 1100 0001 1000
0x3C18
−1000
−1 g
11 0111 1000 1110
0x378E
−2162
−1.7 g
11 0001 1010 0101
0x31A5
−3675
1
Two MSBs have been masked off and are not considered in the coding.
2
Nominal sensitivity (2.162 LSB/mg) and zero offset null performance are assumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com