Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16201/PCB
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16201/PCB Datasheet HTML 5Page - Analog Devices ADIS16201/PCB Datasheet HTML 6Page - Analog Devices ADIS16201/PCB Datasheet HTML 7Page - Analog Devices ADIS16201/PCB Datasheet HTML 8Page - Analog Devices ADIS16201/PCB Datasheet HTML 9Page - Analog Devices ADIS16201/PCB Datasheet HTML 10Page - Analog Devices ADIS16201/PCB Datasheet HTML 11Page - Analog Devices ADIS16201/PCB Datasheet HTML 12Page - Analog Devices ADIS16201/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 9 of 32
90
0
(g)
80
70
60
50
40
30
20
10
Figure 11. X-Axis Self-Test Level at 25°C/3.3 V
80
0
(g)
70
60
50
40
30
20
10
Figure 12. Y-Axis Self-Test Level at 25°C/3.3 V
1200
200
2.9
3.7
POWER SUPPLY (V)
1000
800
600
400
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Figure 13. Self-Test Shift vs. Supply at 25°C
140
0
(Degrees)
120
100
80
60
40
20
Figure 14. Inclination Offset Distribution at 25°C/3.3 V/0 g
20
0
–200
200
(ppm/°C)
18
16
14
12
10
8
6
4
2
–160 –120
–80
–40
0
40
80
120
160
Figure 15. Inclination Offset Tempco Histogram at 3.3 V
10
–10
2.9
3.7
POWER SUPPLY (V)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
8
6
4
2
0
–2
–4
–6
–8
Figure 16. Inclination Offset vs. Supply at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com