Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM Datasheet(PDF) 23 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 19Page - NXP Semiconductors DSP56321RM Datasheet HTML 20Page - NXP Semiconductors DSP56321RM Datasheet HTML 21Page - NXP Semiconductors DSP56321RM Datasheet HTML 22Page - NXP Semiconductors DSP56321RM Datasheet HTML 23Page - NXP Semiconductors DSP56321RM Datasheet HTML 24Page - NXP Semiconductors DSP56321RM Datasheet HTML 25Page - NXP Semiconductors DSP56321RM Datasheet HTML 26Page - NXP Semiconductors DSP56321RM Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
AC Electrical Characteristics
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-3
2.4 AC Electrical Characteristics
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum of 0.3 V
and a VIH minimum of 2.4 V for all pins except EXTAL, which is tested using the input levels shown in Notes 7
and 9 of the previous table. AC timing specifications, which are referenced to a device input signal, are measured in
production with respect to the 50 percent point of the respective input signal’s transition. DSP56321 output levels
are measured with the production test machine VOL and VOH reference levels set at 0.4 V and 2.4 V, respectively.
Note:
Although the minimum value for the frequency of EXTAL is 0 MHz, the device AC test conditions are 16
MHz and rated speed with the DPLL enabled.
2.4.1
Internal Clocks
Internal supply current:
•
In Normal mode3
— at 200 MHz
— at 220 MHz
— at 240 MHz
— at 275 MHz
•
In Wait mode
4
•
In Stop mode5
ICCI
ICCW
ICCS
—
—
—
—
—
—
190
200
210
235
25
15
—
—
—
—
—
—
mA
mA
mA
mA
mA
mA
Input capacitance
6
CIN
—
—
10
pF
Notes:
1.
Power-up sequence: During power-up, and throughout the DSP56321 operation, VCCQH voltage must always be higher or
equal to VCCQL voltage.
2.
Refers to MODA/IRQA, MODB/IRQB, MODC/IRQC, and MODD/IRQD pins.
3.
Section 4.3 provides a formula to compute the estimated current requirements in Normal mode. To obtain these results, all
inputs must be terminated (that is, not allowed to float). Measurements are based on synthetic intensive DSP benchmarks (see
Appendix A). The power consumption numbers in this specification are 90 percent of the measured results of this benchmark.
This reflects typical DSP applications.
4.
To obtain these results, all inputs must be terminated (that is, not allowed to float).
5.
To obtain these results, all inputs not disconnected at Stop mode must be terminated (that is, not allowed to float), and the
DPLL and on-chip crystal oscillator must be disabled.
6.
Periodically sampled and not 100 percent tested.
7.
VCCQH = 3.3 V ± 0.3 V, VCQLC = 1.6 V ± 0.1 V; TJ = –40°C to +100 °C, CL = 50 pF
8.
This characteristic does not apply to XTAL.
9.
Driving EXTAL to the low VIHX or the high VILX value may cause additional power consumption (DC current). To minimize
power consumption, the minimum VIHX should be no lower than
0.9
× VCCQH and the maximum VILX should be no higher than 0.1 × VCCQH.
Table 2-4.
Internal Clocks
Characteristics
Symbol
Expression
Min
Typ
Max
Internal operating frequency
•
With DPLL disabled
•
With DPLL enabled
f
—
—
Ef/2
(Ef
× MF)/(PDF × DF)
—
—
Internal clock cycle time
•
With DPLL disabled
•
With DPLL enabled
TC
—
—
2
× ET
C
ETC × PDF × DF/MF
—
—
Internal clock high period
•
With DPLL disabled
•
With DPLL enabled
TH
—
0.49
× TC
ETC
—
—
0.51
× TC
Table 2-3.
DC Electrical Characteristics7
Characteristics
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com