Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM Datasheet(PDF) 27 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 23Page - NXP Semiconductors DSP56321RM Datasheet HTML 24Page - NXP Semiconductors DSP56321RM Datasheet HTML 25Page - NXP Semiconductors DSP56321RM Datasheet HTML 26Page - NXP Semiconductors DSP56321RM Datasheet HTML 27Page - NXP Semiconductors DSP56321RM Datasheet HTML 28Page - NXP Semiconductors DSP56321RM Datasheet HTML 29Page - NXP Semiconductors DSP56321RM Datasheet HTML 30Page - NXP Semiconductors DSP56321RM Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
AC Electrical Characteristics
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-7
20 Delay from RD assertion to interrupt
request deassertion for level sensitive
fast interrupts1, 6, 7
(WS + 3.25)
× TC –
10.94
—
Note 7
—
Note 7
—
Note 7
—
Note 7
ns
21 Delay from WR assertion to interrupt
request deassertion for level sensitive
fast interrupts1, 6, 7
•SRAM WS = 3
•SRAM WS
≥ 4
(WS + 3)
× TC – 10.94
(WS + 2.5)
× TC – 10.94
—
—
Note 7
Note 7
—
—
Note 7
Note 7
—
—
Note 7
Note 7
—
—
Note 7
Note 7
ns
ns
24 Duration for IRQA assertion to recover
from Stop state
8.0
—
8.0
—
8.0
—
8.0
—
ns
25 Delay from IRQA assertion to fetch of
first instruction (when exiting Stop)2, 3
•
DPLL is not active during Stop
(PCTL Bit 1 = 0) and Stop delay is
enabled (Operating Mode Register
Bit 6 = 0)
•
DPLL is not active during Stop
(PCTL Bit 1 = 0) and Stop delay is
not enabled (Operating Mode
Register Bit 6 = 1)
•
DPLL is active during Stop (PCTL
Bit 1 = 1; Implies No Stop Delay)
DPLT + (128K
× TC)
DPLT + (23.75 ± 0.5)
×
TC
(10.0
± 1.75) × TC
662.2
µs
6.9
41.25
209.9
ms
188.8
58.8
662.2
µs
6.9
37.5
209.9
ms
188.8
53.3
662.2
µs
6.9
34.4
209.9
ms
188.8
49.0
662.2
µs
6.9
30.0
209.9
ms
188.8
43.0
—
µs
ns
26 Duration of level sensitive IRQA
assertion to ensure interrupt service
(when exiting Stop)2, 3
•
DPLL is not active during Stop
(PCTL bit 1 = 0) and Stop delay is
enabled (Operating Mode Register
Bit 6 = 0)
•
DPLL is not active during Stop
(PCTL bit 1 = 0) and Stop delay is
not enabled (Operating Mode
Register Bit 6 = 1)
•
DPLL is active during Stop ((PCTL
bit 1 = 0; implies no Stop delay)
DPLT + (128 K
× TC)
DPLT + (20.5
± 0.5) × T
C
5.5
× TC
805.4
150.1
27.5
—
—
—
805.4
150.1
25
—
—
—
805.4
150.1
22.9
—
—
—
805.4
150.1
20.0
—
—
—
µs
µs
ns
27 Interrupt Request Rate
•
HI08, ESSI, SCI, Timer
•DMA
•IRQ, NMI (edge trigger)
•IRQ, NMI (level trigger)
12TC
8TC
8TC
12TC
—
—
—
—
60.0
40.0
40.0
60.0
—
—
—
—
54.6
36.4
36.4
54.6
—
—
—
—
50.0
33.4
33.4
50.0
—
—
—
—
43.7
29.2
29.2
43.7
ns
ns
ns
ns
28 DMA Request Rate
•
Data read from HI08, ESSI, SCI
•
Data write to HI08, ESSI, SCI
•Timer
•IRQ, NMI (edge trigger)
6TC
7TC
2TC
3TC
—
—
—
—
30.0
35.0
10.0
15.0
—
—
—
—
27.3
31.9
9.1
13.7
—
—
—
—
25.0
29.2
8.3
12.5
—
—
—
—
21.84
25.48
7.28
10.92
ns
ns
ns
ns
29 Delay from IRQA, IRQB, IRQC, IRQD,
NMI assertion to external memory
(DMA source) access address out
valid
4.25
× TC + 2.0
23.25
—
21.34
—
19.72
—
17.45
—
ns
Table 2-7.
Reset, Stop, Mode Select, and Interrupt Timing5
(CONTINUED)
No.
Characteristics
Expression
200 MHz
220 MHz
240 MHz
275 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com