Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 4 Page - NXP Semiconductors

  DSP56321RM Datasheet HTML 1Page - NXP Semiconductors DSP56321RM Datasheet HTML 2Page - NXP Semiconductors DSP56321RM Datasheet HTML 3Page - NXP Semiconductors DSP56321RM Datasheet HTML 4Page - NXP Semiconductors DSP56321RM Datasheet HTML 5Page - NXP Semiconductors DSP56321RM Datasheet HTML 6Page - NXP Semiconductors DSP56321RM Datasheet HTML 7Page - NXP Semiconductors DSP56321RM Datasheet HTML 8Page - NXP Semiconductors DSP56321RM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
DSP56321 Technical Data, Rev. 11
iv
Freescale Semiconductor
Target Applications
DSP56321 applications require high performance, low power, small packaging, and a large amount of internal
memory. The EFCOP can accelerate general filtering applications. Examples include:
•
Wireless and wireline infrastructure applications
•
Multi-channel wireless local loop systems
•
Security encryption systems
•
Home entertainment systems
•
DSP resource boards
•
High-speed modem banks
•
IP telephony
Internal Memories
•192
× 24-bit bootstrap ROM
•192 K
× 24-bit RAM total
• Program RAM, instruction cache, X data RAM, and Y data RAM sizes are programmable:
External Memory
Expansion
• Data memory expansion to two 256 K
× 24-bit word memory spaces using the standard external address
lines
• Program memory expansion to one 256 K
× 24-bit words memory space using the standard external
address lines
• External memory expansion port
• Chip select logic for glueless interface to static random access memory (SRAMs)
Power Dissipation
• Very low-power CMOS design
• Wait and Stop low-power standby modes
• Fully static design specified to operate down to 0 Hz (dc)
• Optimized power management circuitry (instruction-dependent, peripheral-dependent, and mode-
dependent)
Packaging
• Molded array plastic-ball grid array (MAP-BGA) package in lead-free or lead-bearing versions.
Table 1. DSP56321 Features (Continued)
Feature
Description
:
Program RAM
Size
Instruction
Cache Size
X Data RAM
Size*
Y Data RAM
Size*
Instruction
Cache
MSW2
MSW1
MSW0
32 K
× 24-bit
0
80 K
× 24-bit
80 K
× 24-bit
disabled
0
0
0
31 K
× 24-bit
1024
× 24-bit
80 K
× 24-bit
80 K
× 24-bit
enabled
0
0
0
40 K
× 24-bit
0
76 K
× 24-bit
76 K
× 24-bit
disabled
0
0
1
39 K
× 24-bit
1024
× 24-bit
76 K
× 24-bit
76 K
× 24-bit
enabled
0
0
1
48 K
× 24-bit
0
72 K
× 24-bit
72 K
× 24-bit
disabled
0
1
0
47 K
× 24-bit
1024
× 24-bit
72 K
× 24-bit
72 K
× 24-bit
enabled
0
1
0
64 K
× 24-bit
0
64 K
× 24-bit
64 K
× 24-bit
disabled
0
1
1
63 K
× 24-bit
1024
× 24-bit
64 K
× 24-bit
64 K
× 24-bit
enabled
0
1
1
72 K
× 24-bit
0
60 K
× 24-bit
60 K
× 24-bit
disabled
1
0
0
71 K
× 24-bit
1024
× 24-bit
60 K
× 24-bit
60 K
× 24-bit
enabled
1
0
0
80 K
× 24-bit
0
56 K
× 24-bit
56 K
× 24-bit
disabled
1
0
1
79 K
× 24-bit
1024
× 24-bit
56 K
× 24-bit
56 K
× 24-bit
enabled
1
0
1
96 K
× 24-bit
0
48 K
× 24-bit
48 K
× 24-bit
disabled
1
1
0
95 K
× 24-bit
1024
× 24-bit
48 K
× 24-bit
48 K
× 24-bit
enabled
1
1
0
112 K
× 24-bit
0
40 K
× 24-bit
40 K
× 24-bit
disabled
1
1
1
111 K
× 24-bit
1024
× 24-bit
40 K
× 24-bit
40 K
× 24-bit
enabled
1
1
1
*Includes 12 K
× 24-bit shared memory (that is, 24 K total memory shared by the core and the EFCOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com