Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM Datasheet(PDF) 33 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 29Page - NXP Semiconductors DSP56321RM Datasheet HTML 30Page - NXP Semiconductors DSP56321RM Datasheet HTML 31Page - NXP Semiconductors DSP56321RM Datasheet HTML 32Page - NXP Semiconductors DSP56321RM Datasheet HTML 33Page - NXP Semiconductors DSP56321RM Datasheet HTML 34Page - NXP Semiconductors DSP56321RM Datasheet HTML 35Page - NXP Semiconductors DSP56321RM Datasheet HTML 36Page - NXP Semiconductors DSP56321RM Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
AC Electrical Characteristics
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-13
2.4.5.2 Asynchronous Bus Arbitration Timings
Figure 2-11.
SRAM Write Access
Table 2-9.
Asynchronous Bus Timings
No.
Characteristics
Expression
200 MHz
220 MHz
240 MHz
275 Mhz
Uni
t
Min
Max
Min
Max
Min
Max
Min
Max
250
BB assertion window from BG input
deassertion.
2.5
× Tc + 5
—
17.5
—
16.4
—
15.4
—
14.1
ns
251
Delay from BB assertion to BG assertion
2
× Tc + 5
15
—
14.1
—
13.3
—
12.27
—
ns
Notes:
1.
Bit 13 in the Operating Mode Register must be set to enable Asynchronous Arbitration mode.
2.
To guarantee timings 250 and 251, it is recommended that you assert non-overlapping BG inputs to different DSP56300
devices (on the same bus), as shown in Figure 2-12, where BG1 is the BG signal for one DSP56300 device while BG2 is the
BG signal for a second DSP56300 device.
A[0–17]
WR
RD
Data
Out
D[0–23]
AA[0–3]
100
102
101
107
114
108
109
103
TA
118
119
Note: Address lines A[0–17] hold their state after a
read or write operation. AA[0–3] do not hold their
state after a read or write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com