Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM Datasheet(PDF) 46 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 42Page - NXP Semiconductors DSP56321RM Datasheet HTML 43Page - NXP Semiconductors DSP56321RM Datasheet HTML 44Page - NXP Semiconductors DSP56321RM Datasheet HTML 45Page - NXP Semiconductors DSP56321RM Datasheet HTML 46Page - NXP Semiconductors DSP56321RM Datasheet HTML 47Page - NXP Semiconductors DSP56321RM Datasheet HTML 48Page - NXP Semiconductors DSP56321RM Datasheet HTML 49Page - NXP Semiconductors DSP56321RM Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
DSP56321 Technical Data, Rev. 11
2-26
Freescale Semiconductor
Specifications
2.4.9
Timer Timing
Figure 2-25.
ESSI Receiver Timing
Table 2-13.
Timer Timings
No.
Characteristics
Expression
200 MHz
220 MHz
240 MHz
240 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
480
TIO Low
2
× TC + 2.0
12.0
—
11.1
—
10.3
—
9.27
—
ns
481
TIO High
2
× TC + 2.0
12.0
—
11.1
—
10.3
—
9.27
—
ns
486
Synchronous delay time from Timer input
rising edge to the external memory
address out valid caused by the first
interrupt instruction execution
10.25
× T
C + 10.0
61.2
5
—56.6
4
—52.7
4
—47.2
7
—ns
Notes:
1.
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = –40°C to +100 °C, CL = 50 pF
2.
The maximum frequency of pulses generated by a timer will be defined after device characterization is completed.
3.
In the timing diagrams below, TIO is drawn using the rising edge as the reference. TIO polarity is programmable in the Timer
Control/Status Register (TCSR). Refer to the
DSP56321 Reference Manual for details.
Last Bit
First Bit
430
432
433
437
438
440
439
443
441
442
443
445
444
431
434
RXC
(Input/
Output)
FSR (Bit)
Out
FSR
(Word)
Out
Data In
FSR (Bit)
In
FSR
(Word)
In
Flags In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com