Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 1 Page - NXP Semiconductors

  DSP56321RM Datasheet HTML 1Page - NXP Semiconductors DSP56321RM Datasheet HTML 2Page - NXP Semiconductors DSP56321RM Datasheet HTML 3Page - NXP Semiconductors DSP56321RM Datasheet HTML 4Page - NXP Semiconductors DSP56321RM Datasheet HTML 5Page - NXP Semiconductors DSP56321RM Datasheet HTML 6Page - NXP Semiconductors DSP56321RM Datasheet HTML 7Page - NXP Semiconductors DSP56321RM Datasheet HTML 8Page - NXP Semiconductors DSP56321RM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Freescale Semiconductor
Technical Data
DSP56321
Rev. 11, 2/2005
© Freescale Semiconductor, Inc., 2001, 2005. All rights reserved.
DSP56321
24-Bit Digital Signal Processor
The Freescale DSP56321, a member of the DSP56300 DSP family, supports networking, security encryption, and
home entertainment using a high-performance, single-clock-cycle-per- instruction engine (DSP56000 code-
compatible), a barrel shifter, 24-bit addressing, an instruction cache, and a direct memory access (DMA) controller
(see Figure 1).
The DSP56321 offers 275 million multiply- accumulates per second (MMACS) performance, attaining 550
MMACS when the EFCOP is in use. It operates with an internal 275 MHz clock with a 1.6 volt core and
independent 3.3 volt input/output (I/O) power. By operating in parallel with the core, the EFCOP provides overall
enhanced performance and signal quality with no impact on channel throughput or total channel support. This
device is pin-compatible with the Freescale DSP56303, DSP56L307, DSP56309, and DSP56311.
Figure 1. DSP56321 Block Diagram
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/IRQB
MODC/IRQC
10
MODD/IRQD
DSP56300
6
16
24-Bit
24
18
DDB
DAB
Peripheral
Core
Expansion Area
6
5
3
RESET
MODA/IRQA
PINIT/NMI
EXTAL
XTAL
Address
Control
Data
Address
Generation
Unit
Six Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24 + 56 →56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Management
External
Bus
Interface
and
I - Cache
Control
Memory Expansion Area
DE
Program
RAM
32 K
× 24 bits
X Data
RAM
80 K
× 24 bits
Y Data
RAM
80 K
× 24 bits
External
Address
Bus
Switch
SCI
EFCOP
ESSI
HI08
Triple
Timer
or
31 K
× 24 bits
Instruction
Cache
1024
× 24 bits
Bootstrap
ROM
and
OnCE™
JTAG
PLL
Clock
Generator
Internal
Data
Bus
Switch
External
Data
Bus
Switch
The DSP56321 is intended
for applications requiring a
large amount of internal
memory, such as networking
and wireless infrastructure
applications. The onboard
EFCOP can accelerate
general filtering applications,
such as echo-cancellation
applications, correlation, and
general-purpose convolution-
based algorithms.
What’s New?
Rev. 11 includes the following
changes:
• Adds lead-free packaging and
part numbers.


Similar Part No. - DSP56321RM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56321RM/D NXP-DSP56321RM/D Datasheet
2Mb / 88P
24-Bit Digital Signal Processor
Rev. 2, 10/2002
More results

Similar Description - DSP56321RM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com