Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM Datasheet(PDF) 34 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 30Page - NXP Semiconductors DSP56321RM Datasheet HTML 31Page - NXP Semiconductors DSP56321RM Datasheet HTML 32Page - NXP Semiconductors DSP56321RM Datasheet HTML 33Page - NXP Semiconductors DSP56321RM Datasheet HTML 34Page - NXP Semiconductors DSP56321RM Datasheet HTML 35Page - NXP Semiconductors DSP56321RM Datasheet HTML 36Page - NXP Semiconductors DSP56321RM Datasheet HTML 37Page - NXP Semiconductors DSP56321RM Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
DSP56321 Technical Data, Rev. 11
2-14
Freescale Semiconductor
Specifications
The asynchronous bus arbitration is enabled by internal synchronization circuits on BG and BB inputs. These
synchronization circuits add delay from the external signal until it is exposed to internal logic. As a result of this
delay, a DSP56300 part may assume mastership and assert BB, for some time after BG is deasserted. This is the
reason for timing 250.
Once BB is asserted, there is a synchronization delay from BB assertion to the time this assertion is exposed to other
DSP56300 components that are potential masters on the same bus. If BG input is asserted before that time, and BG
is asserted and BB is deasserted, another DSP56300 component may assume mastership at the same time.
Therefore, some non-overlap period between one BG input active to another BG input active is required. Timing 251
ensures that overlaps are avoided.
2.4.6
Host Interface Timing
Figure 2-12.
Asynchronous Bus Arbitration Timing
Table 2-10.
Host Interface Timings1,2,12
No.
Characteristic10
Expression
200 MHz
220 MHz
240 MHz
275 MHz
Uni
t
Min
Max
Min
Max
Min
Max
Min
Max
317
Read data strobe assertion width
5
HACK assertion width
TC + 4.95
9.95
—
9.05
—
8.3
—
7.77
—
ns
318
Read data strobe deassertion width5
HACK deassertion width
4.95
—
4.5
—
4.13
—
4.0
—
ns
319
Read data strobe deassertion width5 after
“Last Data Register” reads8,11, or between two
consecutive CVR, ICR, or ISR reads
3
HACK deassertion width after “Last Data
Register” reads8,11
2.5
× T
C + 3.3
15.8
—
14.7
—
13.7
—
12.39
—
ns
320
Write data strobe assertion width
6
6.6
—
6.0
—
5.5
—
5.1
—
ns
321
Write data strobe deassertion width8
HACK write deassertion width
•
after ICR, CVR and “Last Data Register”
writes
•
after IVR writes, or
after TXH:TXM:TXL writes (with HLEND=
0), or
after TXL:TXM:TXH writes (with HLEND =
1)
2.5
× TC + 3.3 15.8
8.25
—
—
14.7
7.5
—
—
13.7
6.88
—
—
12.39
6.28
—
—
ns
ns
322
HAS assertion width
4.95
—
4.5
—
4.13
—
4.0
—
ns
BG1
BB
251
BG2
250
250+251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com