Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 3Page - NXP Semiconductors DSP56321RM Datasheet HTML 4Page - NXP Semiconductors DSP56321RM Datasheet HTML 5Page - NXP Semiconductors DSP56321RM Datasheet HTML 6Page - NXP Semiconductors DSP56321RM Datasheet HTML 7Page - NXP Semiconductors DSP56321RM Datasheet HTML 8Page - NXP Semiconductors DSP56321RM Datasheet HTML 9Page - NXP Semiconductors DSP56321RM Datasheet HTML 10Page - NXP Semiconductors DSP56321RM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
1-1
Signals/Connections
1
The DSP56321 input and output signals are organized into functional groups as shown in Table 1-1. Figure 1-1
diagrams the DSP56321 signals by functional group. The remainder of this chapter describes the signal pins in
each functional group.
Note:
This chapter refers to a number of configuration registers used to select individual multiplexed signal
functionality. See the DSP56321 Reference Manual for details on these configuration registers.
Table 1-1.
DSP56321 Functional Signal Groupings
Functional Group
Number of
Signals
Power (VCC)
20
Ground (GND)
66
Clock
2
Address bus
Port A1
18
Data bus
24
Bus control
10
Interrupt and mode control
6
Host interface (HI08)
Port B
2
16
Enhanced synchronous serial interface (ESSI)
Ports C and D3
12
Serial communication interface (SCI)
Port E
4
3
Timer
3
OnCE/JTAG Port
6
Notes:
1.
Port A signals define the external memory interface port, including the external address bus, data bus, and control signals.
2.
Port B signals are the HI08 port signals multiplexed with the GPIO signals.
3.
Port C and D signals are the two ESSI port signals multiplexed with the GPIO signals.
4.
Port E signals are the SCI port signals multiplexed with the GPIO signals.
5.
Eight signal lines are not connected internally. These are designated as no connect (NC) in the package description (see
Chapter 3). There are also two reserved lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com