Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM Datasheet(PDF) 24 Page - NXP Semiconductors

Part # DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 20Page - NXP Semiconductors DSP56321RM Datasheet HTML 21Page - NXP Semiconductors DSP56321RM Datasheet HTML 22Page - NXP Semiconductors DSP56321RM Datasheet HTML 23Page - NXP Semiconductors DSP56321RM Datasheet HTML 24Page - NXP Semiconductors DSP56321RM Datasheet HTML 25Page - NXP Semiconductors DSP56321RM Datasheet HTML 26Page - NXP Semiconductors DSP56321RM Datasheet HTML 27Page - NXP Semiconductors DSP56321RM Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
DSP56321 Technical Data, Rev. 11
2-4
Freescale Semiconductor
Specifications
2.4.2
External Clock Operation
The DSP56321 system clock is derived from the on-chip oscillator or is externally supplied. To use the on-chip
oscillator, connect a crystal and associated resistor/capacitor components to EXTAL and XTAL; an example is
shown in Figure 2-1.
Internal clock low period
•
With DPLL disabled
•
With DPLL enabled
TL
—
0.49
× TC
ETC
—
—
0.51
× TC
Note:
Ef = External frequency; MF = Multiplication Factor = MFI + MFN/MFD; PDF = Predivision Factor;
DF = Division Factor; TC = Internal clock cycle; ETC = External clock cycle; TH = Internal clock high;
TL = Internal clock low
Figure 2-1.
Crystal Oscillator Circuits
Table 2-5.
External Clock Operation
No.
Characteristics
Symbol
200 MHz
220 MHz
240 MHz
275 MHz
Min
Max
Min
Max
Min
Max
Min
Max
1
Frequency of EXTAL
(EXTAL Pin Frequency)1
•
With DPLL disabled
•
With DPLL enabled
2
Ef
DEFR = PDF
× PDFR
0 MHz
16 MHz
200 MHz
200 MHz
0 MHz
16 MHz
220 MHz
220 MHz
0 MHz
16 MHz
240 MHz
240 MHz
0 MHz
16 MHz
275 MHz
275 MHz
2
EXTAL input high3
•
With DPLL disabled
(46.7%–53.3% duty
cycle4)
•
With DPLL enabled
(42.5%–57.5% duty
cycle4)
ETH
2.34 ns
2.13 ns
∞
35.9 ns
2.12 ns
1.93 ns
∞
35.9 ns
1.95 ns
1.77 ns
∞
35.9 ns
1.70 ns
1.55 ns
∞
35.9 ns
3
EXTAL input low
4
•
With DPLL disabled
(46.7%–53.3% duty
cycle
4)
•
With DPLL enabled
(42.5%–57.5% duty
cycle
4)
ETL
2.34 ns
2.13 ns
∞
35.9 ns
2.12ns
1.93 ns
∞
35.9 ns
1.95 ns
1.77 ns
∞
35.9 ns
1.70 ns
1.55 ns
∞
35.9 ns
Table 2-4.
Internal Clocks (Continued)
Characteristics
Symbol
Expression
Min
Typ
Max
Suggested Component Values:
fOSC = 16–32 MHz
R = 1 M
Ω ± 10%
C = 10 pF
± 10%
Calculations are for a 16–32 MHz crystal with the following parameters:
•
shunt capacitance (C0) of 5.2–7.3 pF,
•
series resistance of 5–15
Ω, and
•
drive level of 2 mW.
XTAL1
C
C
R
Fundamental Frequency
Crystal Oscillator
XTAL
EXTAL
Note: Make sure that in the PCTL Register:
•XTLD (bit 2) = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com